Electronic Components Datasheet Search
  English  ▼

X  

LTC6903 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6903
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6903 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6903 Datasheet HTML 8Page - Analog Devices LTC6903 Datasheet HTML 9Page - Analog Devices LTC6903 Datasheet HTML 10Page - Analog Devices LTC6903 Datasheet HTML 11Page - Analog Devices LTC6903 Datasheet HTML 12Page - Analog Devices LTC6903 Datasheet HTML 13Page - Analog Devices LTC6903 Datasheet HTML 14Page - Analog Devices LTC6903 Datasheet HTML 15Page - Analog Devices LTC6903 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC6908-1/LTC6908-2
12
Rev C
For more information www.analog.com
Figure 8. (a) 1.1MHz, 1.8V/16A Step-Down Regulator
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
TRACK
PGOOD
RUN/SS
ITH
RT
SGND
PGND
PGND
PGND
SYNC/MODE
1
2
11
12
20
21
30
31
25
38
37
36
34
33
32
19
18
17
16
3
4
9
10
22
23
28
29
24
35
5
7
26
6
8
13
14
15
27
SW
SW
SW
SW
SW
SW
SW
SW
VFB
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VREF
LTC3418
L1
0.2 H
C2
1000pF
X7R
COUT
100 F
×4
CIN1
100 F
×4
CSVIN1
1 F
X7R
VIN
3.3V
VOUT
1.8V
16A
R1
2.55k
R2
2k
RPG1
100k
RSS1
2.2M
CSS1
1000pF
X7R
C1A
47pF
X7R
CITH
2200pF
X7R
CREF1
2.2 F
X7R
RITH
2k
ROSC1 69.8k
RSVIN1
100Ω
CSVIN2
1 F
X7R
RSVIN2
100Ω
CREF2
2.2 F
X7R
C1B
47pF
X7R
690812 F08a
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
SVIN
TRACK
PGOOD
RUN/SS
ITH
RT
SGND
PGND
PGND
PGND
SYNC/MODE
1
2
11
12
20
21
30
31
25
38
37
36
34
33
32
19
18
17
16
3
4
9
10
22
23
28
29
24
35
5
7
26
6
8
13
14
15
27
SW
SW
SW
SW
SW
SW
SW
SW
VFB
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VREF
LTC3418
L2
0.2 H
CIN2
100 F
×4
CIN1, CIN2, COUT: TDK C3225X5R0J107M
L1, L2: VISHAY DALE IHLP-2525CZ-01
RPG2
100k
ROSC2 69.8k
CBYP
90.9k
OUT1
OUT2
fOUT = 10MHz • 10k/RSET
MOD
V+
GND
SET
LTC6908-1
0.1 F
VIN
2.8V TO 5.5V
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com