Electronic Components Datasheet Search
  English  ▼

X  

LTC6905 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6905
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6905 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6905 Datasheet HTML 6Page - Analog Devices LTC6905 Datasheet HTML 7Page - Analog Devices LTC6905 Datasheet HTML 8Page - Analog Devices LTC6905 Datasheet HTML 9Page - Analog Devices LTC6905 Datasheet HTML 10Page - Analog Devices LTC6905 Datasheet HTML 11Page - Analog Devices LTC6905 Datasheet HTML 12Page - Analog Devices LTC6905 Datasheet HTML 13Page - Analog Devices LTC6905 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC6908-1/LTC6908-2
10
Rev C
For more information www.analog.com
to the modulation rate (fOUT/N), where N is the modula-
tion rate divider setting, which is determined by the state
of the MOD pin. This filtered modulating signal may be
acceptable for many logic systems but the cycle-to-cycle
jitter issues must be considered carefully.
DRIVING SWITCHING REGULATORS
The LTC6908 is designed primarily to provide an accu-
rate and stable clock for switching regulator systems. The
complementary (LTC6908-1) or quadrature (LTC6908-
2) CMOS logic outputs are suitable for directly driving
most switching regulators and switching controllers.
Linear Technology has a broad line of fully integrated
switching regulators and switching regulator controllers
designed for synchronization to an external clock. All of
these parts have one pin assigned for external clock input.
The nomenclature varies depending on the part’s fam-
ily history. SYNC, PLLIN, SYNC/MODE, SHDN, EXTCLK,
FCB and S/S (shorthand for SYNC/SHDN) are examples of
clock input pin names used with Linear Technology ICs.
For the best EMC performance, the LTC6908 should be
run with the MOD pin tied to ground (SSFM enabled,
modulation rate set to fOUT/16). Regulatory testing is
done with strictly specified bandwidths and conditions.
Modulating faster than the test bandwidth or as close to
the bandwidth as possible gives the lowest readings. The
optimal modulating rate is not as straightforward when
the goal is to lower radiated signal levels interfering with
other circuitry in the system. The modulation rate will
have to be evaluated with the specific system conditions
to determine the optimal rate. Depending on the specific
frequency synchronization method a switching regulator
employs, the modulation rate must be within the syn-
chronization capability of the regulator. Many regulators
use a phase-locked loop (PLL) for synchronization. For
these parts, the PLL loop filter should be designed to have
sufficient capture range and bandwidth.
The frequency hopping transitions of the LTC6908 are
slowed by a lowpass filter. The corner frequency of this
filter is set to the modulation rate (fOUT/N), where N is
the modulation rate divider setting, which is determined
by the state of the MOD pin. The MOD pin should be tied
to ground for the N = 16 setting. Floating the MOD pin
selects N = 32. The MOD pin should be tied to V+ for the
N = 64 setting. This is an important feature when driving
a switching regulator. The switching regulator is itself a
servo loop with a bandwidth typically on the order of 1/10,
but can vary from 1/50 to 1/2 of the operating frequency.
When the clock frequency’s transition is within the band-
width of the switching regulator, the regulator’s output
stays in regulation. If the transition is too sharp, beyond
the bandwidth of the switching regulator, the regulator’s
output will experience a sharp jump and then settle back
into regulation. If the bandwidth of the regulator is suf-
ficiently high, beyond fOUT/N, then there will not be any
regulation issues.
One aspect of the output voltage that will change is the
output ripple voltage. Every switching regulator has some
output ripple at the clock frequency. For most switching
regulator designs with fixed MOSFET’s, fixed inductor,
fixed capacitors, the amount of ripple will vary some with
the regulators operating frequency (the main exception
being hysteretic architecture regulators). An increase in
frequency results in lower ripple and a frequency decrease
gives more ripple. This is true for static frequencies or
dynamic frequency modulated systems. If the modulating
signal was a triangle wave, the regulator’s output would
have a ripple that is amplitude modulated by the triangle
wave. This repetitive signal on the power supply could
cause system problems by mixing with other desired
signals creating distortion. Depending on the inductor
design and triangle wave frequency, it may even result
in an audible noise. The LTC6908 uses a pseudorandom
noise-like signal. On an oscilloscope, it looks essentially
noise-like of even amplitude. The signal is broadband and
any mixing issues are eliminated. Additionally, the pseu-
dorandom signal repeats at such a low rate that it is well
below the audible range.
The LTC6908 directly drives many switching regula-
tors. The LTC6908 with the spread spectrum frequency
modulation results in improved EMC performance. If
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com