Electronic Components Datasheet Search
  English  ▼

X  

LTC1799 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1799
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1799 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1799 Datasheet HTML 7Page - Analog Devices LTC1799 Datasheet HTML 8Page - Analog Devices LTC1799 Datasheet HTML 9Page - Analog Devices LTC1799 Datasheet HTML 10Page - Analog Devices LTC1799 Datasheet HTML 11Page - Analog Devices LTC1799 Datasheet HTML 12Page - Analog Devices LTC1799 Datasheet HTML 13Page - Analog Devices LTC1799 Datasheet HTML 14Page - Analog Devices LTC1799 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6995-1/LTC6995-2
Rev. B
For more information www.analog.com
11
tOUT
1/2 tOUT
RST
OUT
LTC6995-1
tRST
tWIDTH
OUT REMAINS HIGH
WHILE RST IS HIGH
tOUT
1/2 tOUT
OUT
LTC6995-2
tRST
tWIDTH
OUT REMAINS HIGH
WHILE RST IS LOW
RST
699512 F04
tOUT
1/2 tOUT
RST
OUT
LTC6995-1
tRST
tWIDTH
OUT REMAINS LOW
WHILE RST IS HIGH
tOUT
1/2 tOUT
OUT
LTC6995-2
tRST
tWIDTH
OUT REMAINS LOW
WHILE RST IS LOW
RST
699512 F03
OPERATION
Reset and Polarity Bit Functions
The Reset input, RST for the LTC6995-1 and RST for the
LTC6995-2, forces the output to a fixed state and resets
the internal clock dividers. The output state when reset is
determined by the polarity bit as selected by through the
DIVCODE setting.
OUTPUT (OSCILLATOR START STATE)
RST/RST POLARITY
LTC6995-1
LTC6995-2
0
0
Oscillating (Low)
0 (Reset)
1
0
0 (Reset)
Oscillating (Low)
0
1
Oscillating (High)
1 (Reset)
1
1
1 (Reset)
Oscillating (High)
With the POL bit programmed to be 0, the output will be
forced low when reset. When reset is released by chang-
ing state, the oscillator starts. The next rising edge at the
output follows a precise half cycle delay.
With the POL bit programmed to be 1, the output will be
forced high when reset. When reset is released by chang-
ing state, the oscillator starts. The next falling edge at the
output follows a precise half cycle delay.
Figure 3. Reset Timing Diagram (POL Bit = 0)
Figure 4. Reset Timing Diagram (POL Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com