Electronic Components Datasheet Search
  English  ▼

X  

TDA8006H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8006H
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006H Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8006H Datasheet HTML 1Page - NXP Semiconductors TDA8006H Datasheet HTML 2Page - NXP Semiconductors TDA8006H Datasheet HTML 3Page - NXP Semiconductors TDA8006H Datasheet HTML 4Page - NXP Semiconductors TDA8006H Datasheet HTML 5Page - NXP Semiconductors TDA8006H Datasheet HTML 6Page - NXP Semiconductors TDA8006H Datasheet HTML 7Page - NXP Semiconductors TDA8006H Datasheet HTML 8Page - NXP Semiconductors TDA8006H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2000 Feb 21
3
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
QUICK REFERENCE DATA
Note
1. IDD in all configurations include the current at pins VDD, VDDA and VDDRAM.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.2
−
6V
IDD(pd)
supply current in power-down mode VDD = 5 V; card inactive; note 1
−−
250
µA
IDD(sm)
supply current in sleep mode
card powered but clock stopped;
note 1
−−
1500
µA
VCC
card supply voltage
including static loads (5 V card)
4.75
5.0
5.25
V
with 40 nAs dynamic loads on
100 nF capacitor (5 V card)
4.6
−
5.4
V
including static loads (3 V card)
2.80
−
3.20
V
with 24 nAs dynamic loads on
100 nF capacitor (3 V card)
2.75
−
3.25
V
ICC
card supply current
operating
−−
65
mA
overload detection
−
80
−
mA
SR
slew rate (rise and fall)
maximum load capacitor pin VCC
400 nF (including typical 100 nF
decoupling)
0.10
0.16
0.22
V/
µs
tde
deactivation cycle duration
−−
100
µs
tact
activation cycle duration
−−
225
µs
fxtal
crystal frequency
4
−
25
MHz
foper
operating frequency
external frequency applied on
pin XTAL1
0
−
25
MHz
Tamb
operating ambient temperature
−25
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com