Electronic Components Datasheet Search
  English  ▼

X  

EPB5033 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5033
Description  ADSL Modem Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5033 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5033 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
ADSL Modem Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Alcatel MTK-20131
• Temperature Range : -40°C to +85°C
• Excellent THD Performance
• 2000 Vrms Isolation
Schematic
EPB5033
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5033
Rev. 5
7/14/03
Electrical Parameters @ 25° C
Inductance
Chip Side
(µH ± 5%)
440
Pins 1-5 with
2-4 Shorted
Secondary
DCR
(
Ω Max.)
1.2
Pins 9-6 & 10-7
-70
@ 40 KHz
THD
(dB Max.)
Leakage
Inductance
(µH Max.)
15
Insertion
Loss
(dB Max.)
-3
40 KHz-2 MHz
Primary
DCR
(
Ω Max.)
0.16
Pins 1-4 & 2-5
10
1
47
9
2
56
1:1:1:1 ±2%
.600
(15.24)
.950 Max.
(24.13)
.500
Max.
(12.70)
.195
(4.95)
1.050
Max.
(26.67)
.015
(.381)
.800
(20.32)
.145/.155
(3.68/3.94)
.042
(1.07)
PCA
EPB5033
D.C.
10
6
15
Pin 1
I.D.


Similar Part No. - EPB5033

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5032 PCA-EPB5032 Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5032G PCA-EPB5032G Datasheet
37Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5034 PCA-EPB5034 Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10/100 Base-T
EPB5035G PCA-EPB5035G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035G PCA-EPB5035G Datasheet
23Kb / 1P
Home Phone Networking
More results

Similar Description - EPB5033

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PAT-0701 MICRO-ELECTRONICS-PAT-0701 Datasheet
174Kb / 1P
TRANSFORMER FOR ADSL MODEM
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
TRANSFORMER FOR ADSL MODEM
SAT-1313 MICRO-ELECTRONICS-SAT-1313 Datasheet
183Kb / 1P
TRANSFORMER FOR ADSL MODEM
SAT-1316 MICRO-ELECTRONICS-SAT-1316 Datasheet
193Kb / 1P
TRANSFORMER FOR ADSL MODEM
logo
StarHope
SPGM SPSEMI-SPGM Datasheet
331Kb / 3P
ADSL MODEM?갌AX?갩EL
SPGL SPSEMI-SPGL Datasheet
332Kb / 3P
ADSL MODEM?갌AX?갩EL
B8L SPSEMI-B8L Datasheet
735Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
B5L SPSEMI-B5L Datasheet
847Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
3SPH SPSEMI-3SPH Datasheet
715Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com