Electronic Components Datasheet Search
  English  ▼

X  

CPT-DINAV53LS2AX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV53LS2AX
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV53LS2AX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV53LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
Wiring diagrams “system type selection: 3” (cont.)
L1
L2
N
L3
L
N
-
+
F
A1
A2
7
8
N
L1
23
L1
L1
24
3-ph, 4-wire, balanced load
Fig. 12
1CT and 1VT/PT connection
Power Supply
F= 630 mA T (18 to 60VAC/DC)
125 mA T (90 to 260VAC/DC)
L1
L2
L3
L
N
-
+
F
A1
A2
711
10
23
L1
L1
L3
L2
L1
24
3-ph, 3-wire, balanced load
Fig. 11
1CT connection
Power Supply
3CT and 3VT/PT connection
L1
L2
N
L3
L
N
-
+
F
A1A2
711
10
23 25 27
L1 L2 L3
L1
L3
L2
L1
24
L2
26
L3
28
8
N
3-ph, 4-wire, unbalanced load
Fig. 8
Power Supply
L1
L2
N
L3
L
N
-
+
F
A1A2
711
810
23 25 27
L1 L2 L3
N
L1
L3
L2
L1
24
L2
26
L3
28
3-ph, 4-wire, unbalanced load
Fig. 7
3CT connection
Power Supply
3CT connection
L1
L2
L3
L
N
-
+
F
A1A2
711
10
23 25 27
L1 L2 L3
L1
L3
L2
L1
24
L2
26
L3
28
3-ph, 3-wire, unbalanced load
Fig. 9
Power Supply
3CT and 2VT/PT connection
L1
L2
L3
L
N
-
+
F
A1
A2
23 25 27
L1 L2 L3
L1
24
L2
26
L3
28
711
10
L1
L3
L2
3-ph, 3-wire, unbalanced load Fig. 10
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com