| Electronic Components Datasheet Search |
|
TDA8006H/C3 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8006H/C3 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 40 page ![]() 2000 Feb 21 21 Philips Semiconductors Product specification Multiprotocol IC Card coupler TDA8006 handbook, full pagewidth MGR234 P4 P40 CLK EN I/O R/W FF FF read write Fig.10 Using synchronous cards. EXTRA GUARD TIME Between the transmission of two characters to the card, the ISO 7816 UART automatically inserts a number of guard ETUs equal to the value, called GT, stored in the GTR, see Table 10. For a GT of FAH, for example, the value would be 1111 1010 reading from D7 to D0. A GT of FFH has a special status which means 0 ETU when the protocol is T = 0 and −1 ETU when the protocol is T = 1 (reception and transmission is possible at 11 ETU). Table 10 Guard Time Register (GTR; address 6; write only; all bits cleared after reset) D7 D6 D5 D4 D3 D2 D1 D0 GUARD TIME VALUE (GT) n7 n6 n5 n4 n3 n2 n1 n0 n7n6n5n4 n3n2n1n0 UART receive and transmit registers UART Receive Register (URR; address 4; read only; all bits cleared after reset) D7 to D0 are the data bits received from the card. Because the UART automatically converts the characters according to the convention recognized during TS, all characters in the URR are in direct convention. • The received character is loaded in the URR 0.5 ETU after the parity shift, i.e. 10.5 ETU after the edge of the start bit. This overwrites the previous character which should have been read by the controller. • The UART checks the parity of the received characters; if the parity is wrong, then bit PE is set in the status register at the same time as bit RBF (Receive Buffer Full). • In protocol T = 0, I/O is pulled LOW between 10.5 and 11.75 ETU in case of error. Characters may be received from the card every 12 ETU, even after a transmission (see LCT; Table 9). In protocol T = 1, reception is possible at 11 ETU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |