Electronic Components Datasheet Search
  English  ▼

X  

LM1403 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1403
Description  Precision 2.50V Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1403 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1403 Datasheet HTML 1Page - National Semiconductor (TI) LM1403 Datasheet HTML 2Page - National Semiconductor (TI) LM1403 Datasheet HTML 3Page - National Semiconductor (TI) LM1403 Datasheet HTML 4Page - National Semiconductor (TI) LM1403 Datasheet HTML 5Page - National Semiconductor (TI) LM1403 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Performance Characteristics (Note 1)
Voltage and Temperature
Quiescent Current vs Input
Output Current
Dropout Voltage vs
Output Current
Output Change vs
Frequency
Output Impedance vs
Frequency
Ripple Rejection vs
(1) LM1403 as is
(2) With 10X in series with 10 mF
VOUT to GND
Temperature Coefficient
Frequency
Output Noise vs
TLH9757 – 3
Typical Temperature Coefficient Calculations
TC e 17 mV(70 c 25V)
e
97 ppm C
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com