Electronic Components Datasheet Search
  English  ▼

X  

SD-2-A Datasheet(PDF) 3 Page - CUI Devices

Part # SD-2-A
Description  SD CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-2-A Datasheet(HTML) 3 Page - CUI Devices

  SD-2-A Datasheet HTML 1Page - CUI Devices SD-2-A Datasheet HTML 2Page - CUI Devices SD-2-A Datasheet HTML 3Page - CUI Devices SD-2-A Datasheet HTML 4Page - CUI Devices SD-2-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: SD-2-A | DESCRIPTION: SD CARD CONNECTOR
date 10/24/2023 | page 3 of 5
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
Recommended PCB Layout
Top View
PIN CONNECTIONS
PIN
SIGNAL
NAME
TYPE
DESCRIPTION
1
CD/DAT3
I/O/PP
CARD DETECT/DATA LINE (BIT 3)
2
CMD
PP
COMMAND/RESPONSE
3
VSS1
S
SUPPLY VOLTAGE GROUND
4
VDD
S
SUPPLY VOLTAGE
5
CLK
I
CLOCK
6
VSS2
S
SUPPLY VOLTAGE GROUND
7
DAT0
I/O/PP
DATA LINE (BIT 0)
8
DAT1
I/O/PP
DATA LINE (BIT 1)
9
DAT2
I/O/PP
DATA LINE (BIT 2)
WP
-
-
WRITE PROTECT
CD
-
-
CARD DETECT SWITCH
GND
-
-
COVER GROUND
CARD STATUS
WITHOUT CARD
CARD INSERTED
WRITE PROTECT
LOCK
CARD INSERTED
WRITE PROTECT
UNLOCK
WP
GND
CD
#3
WP
GND
CD
#3
WP
GND
CD
#3
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com