Electronic Components Datasheet Search
  English  ▼

X  

HFS20 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS20
Description  SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS20 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS20 Datasheet HTML 1Page - Hongfa Technology HFS20 Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
:NKYZWNX
1?@J 0.01f,- GI@EK<; :@I:L@K 9F8I; DFLEK 0}. 00/ GIFM@;<J
uw FLKGLK JN@K:?@E> @E 8 ?@>? ;<EJ@KP G8:B8><g1?< xw @EGLK
@J :FDG8K@9C< N@K? ne jk 8E; km3 CF>@: JPJK<DJg 1?< I<C8PJ
GIFM@;< kiii3uw FGKFf@JFC8K@FEe 9<KN<<E @EGLK 8E; FLKGLKg
yE:8GJLC8K@FEe K?<ID8CCP :FE;L:K@M< <GFOPg
wFEKIFC MFCK8>< I8E><
+LJK FG<I8K< MFCK8><
uD9@<EK
K<DG<I8KLI<
0FC;<I@E> DLJK 9< :FDGC<K<; N@K?@E ji J<:FE;J 8K koi
FI C<JJ FI N@K?@E n J<:FE;J 8K lni
FI C<JJg
1?< 00/ :8J< J<IM<J KF ;@JJ@G8K< ?<8Kg}EJK8CC K?< I<C8PJ JF
K?8K K?<P 8I< 8;<HL8K<CP M<EK@C8K<;g}= GFFI M<EK@C8K@FE @J
LE8MF@;89C<e I<;L:< K?< CF8; :LII<EK 9P ?8C=g
1?< @EGLK :@I:L@KIP ;F<J EFK @E:FIGFI8K< 8 :@I:L@K GIFK<:K@E>
K?< 00/ =IFD 9<@E> ;8D8><; ;L< KF 8 I<M<IJ<; :FEE<:K@FEg
0F +8B< JLI< K?8K K?< GFC8I@KP @J :FII<:K N?<E :FEE<:K@E>
K?< @EGLK C@E<Jg
4?<E LJ@E> K?< |z0ki J<I@<J =FI 8E uw CF8; N@K? 8 G<8B
MFCK8>< F= DFI< K?8E mni3e:FEE<:K K?< CF8; K<ID@E8CJ F= K?<
I<C8P KF 8E @EILJ? 89JFI9<IbM8I@JKFIcg 1?< I<:FDD<E;<;
M8I@JKFI MFCK8><e mmi KF mpi3g
4?<E LJ@E> K?< |z0ki J<I@<J @E G?8J< :FEKIFC 8GGC@:8K@FEJe
8K 8 G?8J< :FEKIFC 8E>C< :CFJ< KF jqi ;<>I<<J K?< I<C8PaJ
@EGLK J@>E8C KLIE F== 8K K?< KI8@C@E> <;>< F= K?< uw J@E< N8M<
DLJK 9< C@D@K<; KF <E; kiiTJ 9<=FI< uw Q<IF :IFJJg 1?@J
8JJLI<J K?8K K?< I<C8P ?8J K@D< KF JN@K:? F==g 0?FIK<I K@D<J
D8P :8LJ< CFJJ F= :FEKIFC 8K K?< =FCCFN@E> ?8C= :P:C<g
jq
1<ID@E8C 8II8E><D<EK
.LCJ< N@;K?
}EGLK J@>E8C
}EGLK J@>E8C KLIE F==
+@E@DLD kiiTJ
mbfc
i]
uw C@E<
jqi]
j
k
lbdc
CF8;
jg
kg
lg
og
mg
ng
z@C< ,Fgs ~niinqimo
z@C< ,Fgs yjllmqj
<:D1/+<:321/,
89D7C=BE=A@
|-,{zu /y*u6
}0-riijX}0-h10jormr X}0-jmiij X-|0u0jqiij wy/1}z}yx
kiip /<Mg jgii
kiii3uwe nihoi|QejD@E
jiii+ b8K nii3xwc
ji KF nn|Q jgnDD xu
jiiiDhJk
fli KF qn
fli KF jii
mn` KF qn` /|
uGGIFOg lgn>
BC975FE=A@D
m KF o3xw
rgo KF jmgm3xw
jrgk KF kqgq3xw
m3xw
rgo3xw
jrgk3xw
jgi3xw
jnDu
=@BFE b1utkn c
inx
jkx
kmx
inx
jkx
kmx
pn KF kqi3uw
igj KF jgku
knuGB
igjDu
jgn3IDJ
jhk:P:C< djDJ
jDJ
jhk:P:C< djDJ
oii3GB
kii3hTJ
jn3
ign
DA>=8 DE5E9 C9>5I
+LJK I<C<8J< MFCK8><
+8Og @EGLK :LII<EK
AFEBFE b1utkn c
*F8; MFCK8>< I8E><
*F8; :LII<EK I8E><
+8Og JLI>< :LII<EK bjiDJc
+8Og C<8B8>< :LII<EK
+8Og FEfJK8K< MFCK8>< ;IFG
7<IF :IFJJ KLIEfFE
/8E;FD KLIEfFE
+8Og KLIEfF== K@D<
+8Og KI8EJ@<EK FM<IMFCK8><
+@Eg F==fJK8K< ;Mh;K
+8Og Q<IFf:IFJJFM<I MFCK8><
+@Eg GFN<I =8:KFI
+8Og KLIEfFE K@D<
;9@9C5> b1utkn c
x@<C<:KI@: JKI<E>K? b @EGLK KF FLKGLK c
}EJLC8K@FE I<J@JK8E:<
3@9I8K@FE I<J@JK8E:<
0?F:B I<J@JK8E:<
-G<I8K@E>
0KFI8><
uD9@<EK ?LD@;@KP
2E@K N<@>?K
xw @EGLKfuw FLKGLK =FI jgku CF8; 8K kn
oii3 9CF:B@E> MFCK8><
.?FKF @JFC8K@FE
7<IF :IFJJ FI I8E;FD KLIEfFE
.I@EK<; :@I:L@K 9F8I; DFLEK
/F|0 :FDGC@8EK
Z
Z
Z
Z
Z
Z


Similar Part No. - HFS20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
MOS RELAY
More results

Similar Description - HFS20

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com