Electronic Components Datasheet Search
  English  ▼

X  

HFS24 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS24
Description  THREE-PHASE SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS24 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS24 Datasheet HTML 1Page - Hongfa Technology HFS24 Datasheet HTML 2Page - Hongfa Technology HFS24 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P^[ GEO68 _i j^h[[1f^Wi[ @B ekjfkj h[bWo -7MOP1KL.2P^[ h[bWo
e\\[h 8 je 76RCB _dfkj Yedjheb0 m_j^ ekjfkji hWj[Z Wj 54@0 59@0
69@0 84@ eh :4@2P^[ h[bWoi _dYbkZ[ W IDC_dZ_YWjeh je fhel_Z[
_dfkj ijWjki _d\ehcWj_ed2@bb ceZ[bi _dYbkZ[ Wd _dj[hdWb idkXX[h2
P^[ h[bWoi fhel_Z[ 8444R@B efje1_iebWj_ed0 X[jm[[d _dfkj WdZ
ekjfkj2DdYWfikbWj_ed0 j^[hcWbbo YedZkYj_l[ [feno2
3IEUVSIT
S^[d cekdj_d] j^[ h[bWoi i_Z[ Xo i_Z[0fhel_Z[ W ifWY[
[gk_lWb[dj je j^[ m_Zj^ e\ W i_d]b[ OON X[jm[[d jme WZ`WY[dj
OONi2Lj^[hm_i[0h[ZkY[ j^[ beWZ Ykhh[dj \bem je 536 je 537
e\ j^[ hWj[Z Ykhh[dj2
S^[d cekdj_d] h[bWoi ed ^[Wj i_da ikh\WY[0\_hij Wffbo W ^[Wj
YedZkYj_l[ ]h[Wi[ je j^[ c[jWb XWYa ikh\WY[ e\ j^[ OON2Mh[ii
j^[ OON \_hcbo edje j^[ ^[Wj i_da je [dikh[ W ]eeZ i[Wb2OYh[m
j^[ OON Zemd je j^[ ^[Wj i_da2
K[nj0m_h[ j^[ iYh[m j[hc_dWbi WdZ i[Ykh[bo j_]^j[d j^[ iYh[mi2
A[\eh[ Yedd[Yj_d] W beWZ j^Wj ][d[hWj[i W ^_]^ ikh][ Ykhh[dj0
ikY^ Wi W bWcf beWZ je j^[ OON0cWa[ ikh[ j^Wj j^[ OON YWd
m_j^ijWdZ j^[ ikh][ Ykhh[dj e\ j^[ beWZ2
P^[ fheZkYj ZWjW i^[[j i^emi j^[ ded1h[f[j_j_l[ f[Wa lWbk[
e\ j^[ ikh][ Ykhh[dj j^Wj \bemi j^hek]^ j^[ OON2KehcWbbo0ki[
536 e\ j^[ ded1h[f[j_j_l[ f[Wa ikh][ Ykhh[dj Wi j^[ ijWdZWhZ
lWbk[2b\ W ikh][ Ykhh[dj [nY[[Z_d] j^Wj lWbk[ _i [nf[Yj[Z0
Yedd[Yj W gk_Ya1Xbem_d] \ki[ je fhej[Yj j^[ OON2
S^[d ki_d] j^[ GEO68 \eh Wd @B beWZ m_j^ W f[Wa lebjW][
e\ ceh[ j^Wd ;94R0Yedd[Yj j^[ beWZ j[hc_dWbi e\ j^[ h[bWo
je Wd _dhki^ WXiehX[h2
@cX_[dj j[cf[hWjkh[
GLKFE@ NDI@U
JWn2 YWfWY_jWdY[ - _dfkj je ekjfkj .
C_[b[Yjh_Y ijh[d]j^
- _dfkj je ekjfkj .
HdikbWj_ed h[i_ijWdY[
8444R@B 94Gp3:4Gp0 5c_d
5444J -Wj 944RCB.
12>0=6<?6;:
<=20/@?6;:>
HOL=445[HOL3PO5:=8= [HOL58445[LGO@O5<445 BDNPHEHDC
644; N[l2 5244
C7<4@54V> 544@fa
C7<4@59V> 594@fa
C7<4@69V> 694@fa
C7<4@84V> 844@fa
C7<4@:4V> :44@fa
6;
5[
6[
7[
52
62
72
C7<4@54V> 54@
C7<4@59V> 59@
C7<4@69V> 69@
C7<4@84V> 84@
C7<4@:4V> :4@
53>}*w74z}*3x
<fE
174 je <4
174 je 544
89, je <9, NG
OYh[m
MWd[b cekdj
@ffhen2 759]
Lf[hWj_d]
OjehW][
@cX_[dj ^kc_Z_jo
P[hc_dWj_ed
Jekdj_d] ceZ[b
Qd_j m[_]^j
6:>?/88/?6;:
8 je 76RCB
8RCB
5RCB
79c@
176RCB
6:<@? -P@?69 .
Bedjheb lebjW][ hWd][
Jkij ef[hWj[ lebjW][
Jkij h[b[Wi[ lebjW][
JWn2 _dfkj Ykhh[dj
JWn2 h[l[hi[ fhej[Yj_ed lebjW][
?5=22z<5/>2 >;861 >?/?2 =28/C
42:2=/8 -P@?69 .
;@?<@? -P@?69 .
M^eje _iebWj_ed
IDCijWjki _dZ_YWjeh
8444R Z_[b[Yjh_Y ijh[d]j^
V[he Yheii eh hWdZec jkhd1ed
Ak_bj1_d idkXX[h
N[celWXb[ \_d][h fhee\ Yel[h WlW_bWXb[
MWd[b cekdj
NeGO Yecfb_Wdj
\
\
\
\
\
\
\
\
8< je 884R@B
<44Rfa
529Rhci
544c@
54c@
644R3ri
536YoYb[ / 5ci
536YoYb[ / 5ci
429
IeWZ lebjW][ hWd][
IeWZ Ykhh[dj hWd][
JWn2 jhWdi_[dj el[hlebjW][
JWn2 ikh][ Ykhh[dj -54ci.
JWn2 ed1ijWj[ lebjW][ Zhef
J_d2 beWZ Ykhh[dj
JWn2 b[WaW][ Ykhh[dj
J_d2 e\\1ijWj[ Zl3Zj
JWn2 jkhd1ed j_c[
JWn2 jkhd1e\\ j_c[
J_d2 fem[h \WYjeh


Similar Part No. - HFS24

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HFS240G32MNB-2000A HYNIX-HFS240G32MNB-2000A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - HFS24

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
Three Phase Solid State Relay
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
Three phase power solid state relay
SMB8670910 CELDUC-SMB8670910 Datasheet
1Mb / 7P
Three phase power solid state relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
Three Phase Solid State Relay
02-2021, Rev. 0221
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com