Electronic Components Datasheet Search
  English  ▼

X  

TDA8043 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8043
Description  Satellite Demodulator and Decoder SDD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8043 Datasheet HTML 6Page - NXP Semiconductors TDA8043 Datasheet HTML 7Page - NXP Semiconductors TDA8043 Datasheet HTML 8Page - NXP Semiconductors TDA8043 Datasheet HTML 9Page - NXP Semiconductors TDA8043 Datasheet HTML 10Page - NXP Semiconductors TDA8043 Datasheet HTML 11Page - NXP Semiconductors TDA8043 Datasheet HTML 12Page - NXP Semiconductors TDA8043 Datasheet HTML 13Page - NXP Semiconductors TDA8043 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Feb 13
10
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
Fig.4 Application diagram.
(1) B = SMD bead type CBD8.9/3/3 Grade 4S2.
(2) XTAL = 65 MHz, 3rd overtone.
(3) C = 6.8 nF, SMD.
(4) L = 560 nH, Taiyo Yuden LAL02.
If possible, connect ‘n.c.’ pins to ground to
ease power dissipation.
TRST, TCK, TMS, and TDI pins can be
connected to ground if they are not used.
(5) Value specified for a 65 MHz clock.
For other clock frequencies, refer to
“Application note AN96108”.
handbook, full pagewidth
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
MGM103
TDA8043H
n.c.
n.c.
n.c.
n.c.
n.c.
P3
P2
P1
P0
n.c.
n.c.
n.c.
n.c.
n.c.
C(3)
330 nF
15 pF
10 nF
4.7
pF
C(3)
L
(4)
VDDD2
100 nF
VDDD1
C(3)
VDDD
C(3)
VDDD2
C(3)
VDDD2
C(3)
C(3)
VDDD2
VDDD1
n.c.
n.c.
n.c.
n.c.
C(3)
VDDD1
C(3)
VDDD1
C(3)
VDDD1
C(3)
VDDD1
VDDD2
100 nF
100 nF
10 nF
VDDA
390 k
Ω(5)
100 nF
100 nF
390 k
Ω(5)
10
Ω
C(3)
+3.3 V
+5 V
+ 5 V
470
Ω
10 k
Ω
tuner AGC (optional)
+3.3 V
L(1)
VDDA
15
µF
packet data
and control
outputs
n.c.
I
100 nF
Q
TDI
TDO
TMS
TCK
TRST
interrupt
I2C-bus
2.2
k
Ω
2.2
k
Ω
470 k
Ω
1.6
k
Ω
packet data and control outputs
L(1)
VDDD2
+3.3 V
15
µF
L(1)
VDDD1
15
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com