Electronic Components Datasheet Search
  English  ▼

X  

TDA8044H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8044H
Description  Satellite demodulator and decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8044H Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8044H Datasheet HTML 1Page - NXP Semiconductors TDA8044H Datasheet HTML 2Page - NXP Semiconductors TDA8044H Datasheet HTML 3Page - NXP Semiconductors TDA8044H Datasheet HTML 4Page - NXP Semiconductors TDA8044H Datasheet HTML 5Page - NXP Semiconductors TDA8044H Datasheet HTML 6Page - NXP Semiconductors TDA8044H Datasheet HTML 7Page - NXP Semiconductors TDA8044H Datasheet HTML 8Page - NXP Semiconductors TDA8044H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2000 Feb 21
2
Philips Semiconductors
Product specification
Satellite demodulator and decoder
TDA8044
FEATURES
• General features:
– One-chip Digital Video Broadcasting (DVB)
compliant Quadrature Phase Shift Keying (QPSK)
and Binary Phase Shift Keying (BPSK) demodulator
and concatenated Viterbi/Reed-Solomon decoder
with de-interleaver and de-randomizer
(ETS 300 421)
– 3.3 V supply voltage (input pads are 5 V tolerant)
– Standby mode for low power dissipation
– Internal clock PLL to allow low frequency crystal
application and selectable clock frequencies
– Power-on reset module
– Package: QFP100
– Boundary scan test.
• QPSK/BPSK demodulator:
– Interpolator and anti-alias filter to handle a large
range of symbol rates without additional external
filtering
– On-chip AGC of the analog input I and Q baseband
signals or tuner AGC control
– Two on-chip matched Analog-to-Digital Converters
(ADCs; 7 bits)
– Half Nyquist (square root raised-cosine) filter with
selectable roll-off factor
– Large range of symbol frequencies:
0.5 to 45 Msymbols/s for TDA8044 and
0.5 to 30 Msymbols/s for TDA8044A, including
Single Carrier Per Channel (SCPC) function
– Can be used at low channel Signal-to-Noise ratio
(S/N)
– Internal carrier recovery, clock recovery and AGC
loops with programmable loop filters
– Two loop carrier recovery enabling phase tracking of
the incoming symbols
– Software carrier sweep for low symbol rate
applications
– Signal-to-noise ratio estimation
– External indication of demodulator lock.
• Viterbi decoder:
– Rate 1
⁄2 convolutional code based
– Constraint length K = 7 with G1 = 171oct and
G2 = 133oct; supported puncturing code rates:
1
⁄2, 2⁄3, 3⁄4, 4⁄5, 5⁄6, 6⁄7, 7⁄8 and 8⁄9
– 4 bits input for ‘soft decision’ for both I and Q
– Truncation length: 144
– Automatic synchronization
– Channel Bit Error Rate (BER) estimation
– External indication of Viterbi sync lock
– Differential decoding optional.
• Reed-Solomon (RS) decoder:
– (204, 188, T = 8) Reed-Solomon code
– Automatic (I2C-bus configurable) synchronization of
bytes, transport packets and frames
– Internal convolutional de-interleaving (I = 12; using
internal memory)
– De-randomizer based on Pseudo Random Bit
Sequence (PRBS)
– External indication of Register Select (RS) decoder
sync lock
– External indication of uncorrectable error (transport
error indicator is set)
– External indication of corrected byte
– Indication of the number of lost blocks
– Indication of the number of corrected blocks.
• Interface:
–I2C-bus interface to initialize and monitor the
demodulator and Forward Error Correction (FEC)
decoder; when no I2C-bus usage, default mode is
defined
– Programmable interrupt facility
– 6 bits I/O expander for flexible access to and from the
I2C-bus
– Switchable I2C-bus loop-through to suppress I2C-bus
crosstalk in the tuner
– DiSEqC level 1.X support for dish control applications
– 3-state mode for transport stream outputs.
APPLICATIONS
• Digital satellite TV: demodulation and Forward Error
Correction (FEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com