Electronic Components Datasheet Search
  English  ▼

X  

TDA8044AH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8044AH
Description  Satellite demodulator and decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8044AH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8044AH Datasheet HTML 1Page - NXP Semiconductors TDA8044AH Datasheet HTML 2Page - NXP Semiconductors TDA8044AH Datasheet HTML 3Page - NXP Semiconductors TDA8044AH Datasheet HTML 4Page - NXP Semiconductors TDA8044AH Datasheet HTML 5Page - NXP Semiconductors TDA8044AH Datasheet HTML 6Page - NXP Semiconductors TDA8044AH Datasheet HTML 7Page - NXP Semiconductors TDA8044AH Datasheet HTML 8Page - NXP Semiconductors TDA8044AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Feb 21
4
Philips Semiconductors
Product specification
Satellite demodulator and decoder
TDA8044
QUICK REFERENCE DATA
Notes
1. Programmable internal frequencies possible:
a) Values 10.7, 16, 32 or 64 MHz for CFS = 0.
b) Values 16, 24, 48 or 96 MHz for CFS = 1.
2. CFS is set to logic 0.
3. Without switching internal clock frequencies, a range of 1 decade can be covered. To cover the full range of symbol
frequencies, internal clock frequencies and external (SAW) filters must be switched. Details can be found in the
application note.
4. Maximum value is specified for a symbol rate of 45 Msymbols/s, a puncturing rate of 7
⁄8, a clock frequency of 96 MHz
and a 3.55 V power supply. The typical value is specified for a symbol rate of 27.5 Msymbols/s, a puncture rate of 3
⁄4
and a clock frequency of 64 MHz.
5. Implementation loss at the demodulator output and minimum S/N to lock the TDA8044 are measured including tuner
in a laboratory environment at a symbol rate of 27.5 Msymbols/s and a clock frequency of 64 MHz.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.05
3.3
3.55
V
VDDD
digital supply voltage
3.05
3.3
3.55
V
IDD(tot)
total supply current
VDDD = 3.3 V
TDA8044
note 1
−
320
480
mA
TDA8044A
notes 1 and 2
−−
350
mA
fclk
internal clock frequency
CFS = 0 or CFS = 1;
fxtal = 4 MHz
TDA8044
note 1
10.7
−
96
MHz
TDA8044A
notes 1 and 2
10.7
−
64
MHz
rs
symbol rate
note 3
TDA8044
0.5
−
45
Msymbols/s
TDA8044A
0.5
−
30
Msymbols/s
Ptot
total power dissipation
Tamb =70 °C; note 4
TDA8044
−
1150
1700
mW
TDA8044A
−−
1250
mW
IL
implementation loss
note 5
−
0.3
−
dB
S/N
signal-to-noise ratio for locking
the TDA8044
note 5
2
−−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8044H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2
TDA8044AH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com