Electronic Components Datasheet Search
  English  ▼

X  

TDA8050T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8050T
Description  TDA8046H
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8050T Datasheet HTML 4Page - NXP Semiconductors TDA8050T Datasheet HTML 5Page - NXP Semiconductors TDA8050T Datasheet HTML 6Page - NXP Semiconductors TDA8050T Datasheet HTML 7Page - NXP Semiconductors TDA8050T Datasheet HTML 8Page - NXP Semiconductors TDA8050T Datasheet HTML 9Page - NXP Semiconductors TDA8050T Datasheet HTML 10Page - NXP Semiconductors TDA8050T Datasheet HTML 11Page - NXP Semiconductors TDA8050T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Dec 14
8
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050
H3
3rd-order harmonic of 5 to 40 MHz
signal
Fig.6
fi =15to40MHz
−−−45
dBc
fi = 54 to 120 MHz
−−−35
dBc
Overall; note 1
Φosc
phase noise
note 2;
at 10 kHz
−−70
−
dBc/Hz
at 100 kHz
−−90
−
dBc/Hz
So
spurious signals of 5 to 40 MHz
signal
fi = 5 to 40 MHz;
Vi(dif) = 100 mV at I and Q
inputs; Vo = 30 to 55 dBmV
−−−50
dBc
ISOtot
total isolation at I/Q mid-range
see Fig.7
−−−65
dBc
C/N
carrier to noise ratio at final output
at 2 MHz from carrier
Vi(dif) = 100 mV
Vo = 35 to 55 dBmV;
fi = 26.5 MHz
−
113
−
dBc/Hz
Crystal oscillator
fxtal
crystal frequency
note 3
1
−
4
MHz
Zi
input impedance
fxtal = 4 MHz
600
1200
−Ω
VI(DC)
DC input level
−
2.9
−
V
Modulator synthesizer
fref(mod)
reference frequency
−
250
−
kHz
RDR1
reference divider ratio
programmable
4
−
16
ND1
fixed main divider ratio
−
1120
−
Icp
charge-pump current
fixed
−
0.30
−
mA
Converter synthesizer
fstep
frequency step size
50
−
500
kHz
RD2
fixed reference divider ratio
−
2
−
RDR2
reference divider ratio
programmable
see Table 4
4
−
160
ND2
fixed main divider ratio
−
4
−
NDR2
programmable main divider ratio
see Table 4
290
−
3600
Three wire bus
VIL
LOW-level input voltage
−−
0.8
V
VIH
HIGH-level input voltage
2.4
−−
V
Lock detect pin
Vo(lock)
output voltage (lock)
−
5
−
V
Vo(unlock)
output voltage (unlock)
−
0.02
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com