Electronic Components Datasheet Search
  English  ▼

X  

DC23 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC23
Description  UHF/VHF DIRECTIONAL COUPLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC23 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC23 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
UHF/VHF Directional Couplers
Information contained in this datasheet is proprietary
Data subject to change without notice
Dimensions are in mm
UHF/VHF DIRECTIONAL COUPLER
2 kW, 2-3-4 SMA Female Probes
DC23/nABC
FEATURES
• UHF 2 kW DTV / 3 kW ATV directional coupler
• Available with up to 4 SMA probes
• No matching regulations
SPECIFICATIONS
Frequency Range
470 – 862 MHz (DC23/nC)
162- 254 MHz (DC23/nB)
41-100 MHz (DC23/nA)
Max Output Power
2 kW DTV / 3 kW ATV
Coupling
-33 to -53 dB (on any channel)
Return Loss
> 30 dB
Directivity
> 30 dB
Operating Temperature
-5 to +45 °C
Weight (Approx)
1 kg
Connectors
2 x 7-16 Female
OPTIONS
C
N Female Connector
D
N Male Connector
F
7-16 Male Connector
G
EIA 7/8’’ Unflanged Conn.
H
EIA 7/8’’ Flanged Conn.
I
EIA 7/8’’ Plug Conn.
J
EIA 1+5/8’’ Unflanged Conn.
K
EIA 1+5/8’’ Flanged Conn.


Similar Part No. - DC23

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
DC2300P18 YANTEL-DC2300P18 Datasheet
780Kb / 9P
Directional Coupler
logo
Anaren Microwave
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
Ultra Low Profile 0805
DC2337J5010AHF ANAREN-DC2337J5010AHF Datasheet
255Kb / 8P
Ultra Low Profile 0805 10dB Directional Coupler
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
Ultra Low Profile 0805 20dB Directional Coupler
logo
Analog Devices
DC2391A AD-DC2391A Datasheet
523Kb / 6P
700MHz to 6000MHz LOW POWER I/Q MODULATOR
More results

Similar Description - DC23

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
VHF/UHF Transistor
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
VHF/UHF Transistor
logo
RF Micro Devices
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
VHF/UHF transistor
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
VHF/UHF Transistors
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com