Electronic Components Datasheet Search
  English  ▼

X  

TDA8060TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8060TS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060TS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8060TS Datasheet HTML 1Page - NXP Semiconductors TDA8060TS Datasheet HTML 2Page - NXP Semiconductors TDA8060TS Datasheet HTML 3Page - NXP Semiconductors TDA8060TS Datasheet HTML 4Page - NXP Semiconductors TDA8060TS Datasheet HTML 5Page - NXP Semiconductors TDA8060TS Datasheet HTML 6Page - NXP Semiconductors TDA8060TS Datasheet HTML 7Page - NXP Semiconductors TDA8060TS Datasheet HTML 8Page - NXP Semiconductors TDA8060TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Aug 30
4
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060TS
PINNING
SYMBOL
PIN
DESCRIPTION
VCC(BB1)
1
supply voltage 1 for baseband
circuit (+5 V)
IOUT
2
‘I’ output from demodulator
BBGND1
3
ground 1 for baseband circuit
COMGAIN
4
RF amplifier gain control input
PEN
5
prescaler enable
VCC(RF)
6
supply voltage for RF circuit (+5 V)
RFB
7
RF signal input B
RFA
8
RF signal input A
RFGND
9
ground for RF circuit
BBGND2
10
ground 2 for baseband circuit
QOUT
11
‘Q’ output from demodulator
VCC(BB2)
12
supply voltage 2 for baseband
circuit (+5 V)
QBBIN
13
‘Q’ baseband amplifier input
QBBOUT
14
‘Q’ baseband amplifier output
LOGND1
15
ground 1 for local oscillator circuit
VCC(LO1)
16
supply voltage 1 for local oscillator
circuit (+5 V)
TKB
17
tank circuit input B
TKA
18
tank circuit input A
VCC(LO2)
19
supply voltage 2 for local oscillator
circuit (+5 V)
LOOUT
20
local oscillator output to
synthesizer divided or not
according to PEN voltage
LOOUTC
21
LOGND2
22
ground 2 for local oscillator circuit
IBBOUT
23
‘I’ baseband amplifier output
IBBIN
24
‘I’ baseband amplifier input
Fig.2 Pin configuration.
handbook, halfpage
VCC(BB1)
IOUT
BBGND1
COMGAIN
PEN
VCC(RF)
RFB
RFA
RFGND
BBGND2
QOUT
VCC(BB2)
IBBIN
IBBOUT
LOGND2
LOOUTC
VCC(LO2)
TKA
LOOUT
TKB
VCC(LO1)
LOGND1
QBBOUT
QBBIN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TDA8060TS
MGM317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com