Electronic Components Datasheet Search
  English  ▼

X  

E5AX-PRR Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5AX-PRR
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRR Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5AX-PRR Datasheet HTML 1Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 2Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 3Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 4Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 5Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E5AX-P
E5AX-P
3
Characteristics
Setting accuracy
(+0.3% of set value or +1%C, whichever greater), +1 digit max.
Indication accuracy
(+0.3% of set value or +1%C, whichever greater), +1 digit max. (Set value coincides with the
indicated value, because no relative error exists between both values.)
Disable band
0.1% to 10.0% (in units of 0.1%)
Proportional band
0.1% to 999.9 %C/%F (in units of 0.1%C/%F)
Integral time
1 to 3,999 s (in units of 1 s)
Derivative time
0 to 3,999 s (in units of 1 s)
Alarm output setting range
Thermocouple: –999% to 9,999%C/%F (in units of 1%C/%F)
Platinum resistance thermometer: –99.9% to 999.9%C/%F (in units of 0.1%C/%F)
Alarm output hysteresis
0.0% to 999.9 %C/%F (in units of 0.1%C/%F)
Sampling period
500 ms (temperature sensor input)
Output refresh period
500 ms
Display refresh period
500 ms (temperature sensor input)
Valve travel indication
–99% to 999% (in units of 1%)
Full Open/close time
1 to 999 s ( in units of 1 s)
Input shift
Thermocouple: –999% to 9,999%C/%F (in units of 1%C/%F)
Platinum resistance thermometer: –99.9% to 999.9%C/%F (in units of 0.1%C/%F)
Insulation resistance
20 MW min. (at 500 VDC)
Dielectric strength
2,000 VAC 50/60 Hz for 1 min between terminals of different polarities
Vibration resistance
Malfunction: 2 to 55 Hz, 2G 10 min each in X, Y, and Z directions
Destruction: 10 to 55 Hz, 0.75-mm double amplitude 2 hrs each in X, Y, and Z directions
Shock resistance
Malfunction: 200 m/s2 3 times each in 6 directions
Destruction: 300 m/s2 3 times each in 6 directions
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical:
100,000 operations min.
Ambient temperature
Operating: –10% to 55%C (with no icing)
Storage:
–25% to 65%C (with no icing)
Ambient humidity
Operating: 35% to 85%
Memory protection
Non-volatile memory
Enclosure ratings
Front panel: IEC standard IP50
Rear case: IEC standard IP20
Terminals:
IEC standard IP00
Weight
Standard: Approx. 350 g; Communications: Approx. 480 g; Mounting bracket: Approx. 50 g
*The accuracy of U thermocouples under temperatures from –150% to 400%C (–240% to 700%F) is +2%C (+3.6%F) +1 digit. Accuracy is
reduced below –150%C (–240%F). The accuracy of R and S thermocouples under 0% to 200%C (0% to 400%F) is +3%C (+5.4%F) +1 digit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com