Electronic Components Datasheet Search
  English  ▼

X  

E5AX-PRRF Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5AX-PRRF
Description  Temperature Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AX-PRRF Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5AX-PRRF Datasheet HTML 6Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 7Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 8Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 9Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 10Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 11Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 12Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 13Page - Omron Electronics LLC E5AX-PRRF Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E5AX-P
E5AX-P
10
Lower/Upper Limits of Setting Range: sl–l, sl–h
–200
0
400
1,300
SL-L
SL-H
Basically, the temperature range that can be measured is deter-
mined by the temperature sensor to be used. For example, when a
K-type (chromel-alumel thermocouple) temperature sensor is se-
lected, the measurable range is from –200%C to 1,300%C. Howev-
er, this temperature range can be narrowed, for example, to 0%C to
400%C. To do this, set the lower-limit value of the temperature set-
ting range, in this case to 0%C, on the SV display by using the Up
and Down Keys while 5l–l is displayed on the PV display. Similarly,
set the upper-limit value, 400%C, while 5l–h is displayed. If the pro-
cess temperature falls below the set lower-limit value or exceeds
the set upper-limit value, it is displayed on the PV display within the
temperature range of the temperature sensor.
Hysteresis Alarm: hysa
The hysteresis alarm value for the alarm can be set in a range from
0.0% to 999.9%C while hysa is displayed on the PV display using the
Up and Down Keys. The factory setting is 0.2%C/%F.
Disable band: db
The disable band can be set in a range from 0.1% to 10.0% while db
is displayed on the PV display using Up and Down Keys. The factory
setting is 2.0%.
Motor Calibration: calb
Designate whether or not to perform motor calibration. To enter the
mode, simultaneously press the Up and Down Keys for at least one
second. Press the Display Key to return to sl–l.
WARNING
Never calibrate the motor during control operation. Make sure
that control operations have been stopped before calibrating.
fr–h
Fully open position
fr–l
Fully closed position
mot
Opening/closing time
The motor is calibrated. Refer to page 9.
Level 2
In level 2, selected input sensor, and modes for alarm output can be
monitored. Note that level 2 is a monitoring level only and thus no
parameters can be changed. When the Level Key is pressed for 2
seconds minimum after power application, 5l–l is displayed on the
PV display. Hold down the Level Key again for 2 seconds minimum
to display o on the PV display. Then, selected input sensor, and
alarm modes can be monitored each time the Display Key is
pressed.
in–t
al
k ca
Press a.
Alarm mode
Input type
Press a.
–––(
Input Type: in–t
When in–t is displayed on the PV display, the present setting of the
input type selector (SW206), is displayed on the SV display. The fol-
lowing table shows the messages that may be displayed:
Display
Sensor
r pr
R
5 pr
S
k ca
K
j ic
J
t cc
T
e cr
E
jpt
JPt100*
pt
Pt100**
l ic
L
u cc
U
*Meets JIS 1981.
**Meets JIS 1989, DIN.
AL (Alarm Mode): al
When al is displayed on the PV display in level 2, alarm output mode
or the present setting of the corresponding alarm mode selector
(SW205) is displayed on the SV display. The following table shows
the messages that may be displayed.
Display
Alarm mode
No display
No alarm
)––(
Upper- and lower-limit alarm
–––(
Upper-limit alarm
)–––
Lower-limit alarm
–()–
Upper- and lower-limit range
alarm
3––e
Upper- and lower-limit alarms
with standby sequence
–––e
Upper-limit alarm with standby
sequence
3–––
Lower-limit alarm with standby
sequence
1––c
Absolute-value alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com