Electronic Components Datasheet Search
  English  ▼

X  

TDA8083 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8083
Description  Satellite Demodulator and Decoder SDD3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8083 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8083 Datasheet HTML 1Page - NXP Semiconductors TDA8083 Datasheet HTML 2Page - NXP Semiconductors TDA8083 Datasheet HTML 3Page - NXP Semiconductors TDA8083 Datasheet HTML 4Page - NXP Semiconductors TDA8083 Datasheet HTML 5Page - NXP Semiconductors TDA8083 Datasheet HTML 6Page - NXP Semiconductors TDA8083 Datasheet HTML 7Page - NXP Semiconductors TDA8083 Datasheet HTML 8Page - NXP Semiconductors TDA8083 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Jul 28
2
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder
(SDD3)
TDA8083
FEATURES
• One chip Digital Video Broadcasting (DVB)
(ETS300421) compliant demodulator and concatenated
Viterbi and Reed-Solomon decoder with de-interleaver
and de-randomizer
• 3.3 V supply voltage
• Relevant outputs are 5 V tolerant to ease interface to
5 V environment
• Few external components for full application
• On-chip crystal oscillator (4 MHz) and Phase-Locked
Loop (PLL) for internal clock generation
• Power-on reset module
• QPSK/BPSK demodulator:
– Different modulation schemes: Quadrature Phase
Shift Keying (QPSK) and Binary Phase Shift Keying
(BPSK)
– Interpolator and internal anti-aliasing filter to handle
variable symbol rates
– Tuner Automatic Gain Control (AGC) control
– Two on-chip matched 7-bit Analog-to-Digital
Converters (ADCs)
– Square-root raised-cosine Nyquist
– Maximum symbol frequency of 30 Msymbols/s
– Can be used at low channel Signal-to-Noise Ratio
(S/R)
– Internal full digital carrier recovery, clock recovery
and AGC loops with programmable loop filters
– Two carrier recovery loops enabling optimum phase
noise suppression
– S/R estimation.
• Viterbi decoder:
– Rate 1
⁄2 convolutional code based
– Constraint length K = 7 with G1 = 171oct and
G2 = 133oct
– Supported puncturing code rates: 1
⁄2, 2⁄3, 3⁄4, 4⁄5, 5⁄6,
6
⁄7, 7⁄8 and 8⁄9
– 4-bit ‘soft decision’ inputs for both I and Q
– Truncation length of 144
– Automatic synchronization to detect puncturing rate
and spectral inversion
– Channel Bit Error Rate (BER) estimation from
10−2 to 10−8
– Differential decoding optional.
• Reed-Solomon (RS) decoder:
– (204, 188, T = 8) Reed-Solomon code
– Automatic synchronization of bytes, transport
packets and frames
– Internal convolutional de-interleaving (I = 12; using
internal memory)
– De-randomizer based on Pseudo Random Binary
Sequence (PRBS)
– External indication of uncorrectable error (transport
error indicator is set)
– Indication of the number of lost blocks
– Indication of the number of corrected blocks.
• Interface:
–I2C-bus interface initializes and monitors the
demodulator and Forward Error Correction (FEC)
decoder; a default mode is defined
– 6-bit I/O expander for flexible access to and from the
I2C-bus
–I2C-bus configurable interrupt input
– Switchable I2C-bus loop-through to suppress I2C-bus
crosstalk in the tuner
– Digital Satellite Equipment Control (DiSEqC) 1.X,
tone burst generation and tone mode with a
22 or 44 kHz carrier
– Parallel or serial output mode for MPEG transport
stream (3-state mode also possible)
– Standby mode for reduced power consumption.
• Package: QFP100
• Boundary scan test.
APPLICATIONS
• Digital satellite TV: demodulation and FEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com