Electronic Components Datasheet Search
  English  ▼

X  

MCP23016 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP23016
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016 Datasheet(HTML) 3 Page - Microchip Technology

  MCP23016 Datasheet HTML 1Page - Microchip Technology MCP23016 Datasheet HTML 2Page - Microchip Technology MCP23016 Datasheet HTML 3Page - Microchip Technology MCP23016 Datasheet HTML 4Page - Microchip Technology MCP23016 Datasheet HTML 5Page - Microchip Technology MCP23016 Datasheet HTML 6Page - Microchip Technology MCP23016 Datasheet HTML 7Page - Microchip Technology MCP23016 Datasheet HTML 8Page - Microchip Technology MCP23016 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 3
MCP23016
1.0
DEVICE OVERVIEW
The MCP23016 device provides 16-bit, general
purpose,
parallel
I/O
expansion
for
I2C
bus
applications.
This device includes high-current drive capability, low
supply current and individual I/O configuration. I/O
expanders provide a simple solution when additional
I/Os are needed for ACPI, power switches, sensors,
push buttons, LEDs and so on.
The MCP23016 consists of multiple 8-bit configuration
registers for input, output and polarity selection. The
system master can enable the I/Os as either inputs or
outputs by writing the I/O configuration bits. The data
for each input or output is kept in the corresponding
input or output register. The polarity of the read register
can be inverted with the polarity inversion register (see
Section 1.7.3,
“Input
Polarity
Registers”).
All
registers can be read by the system master.
The open-drain interrupt output is activated when any
input state differs from its corresponding input port
register state. This is used to indicate to the system
master that an input state has changed. The interrupt
capture register captures port value at this time. The
Power-on Reset sets the registers to their default val-
ues and initializes the device state machine.
Three device inputs (A0 - A2) determine the I2C
address and allow up to eight I/O expander devices to
share the same I2C bus.
1.1
Pin Descriptions
TABLE 1-1:
PINOUT DESCRIPTION
Pin Name
PDIP,
SOIC,
SSOP
Pin No.
QFN
Pin No.
I/O/P
Type
Buffer
Type
Description
CLK
9
6
I
ST
Clock source input
TP
10
7
O
—
Test Pin (This pin must be left floating)
GP1.0
2
27
I/O
TTL
D0 digital input/output for GP1
GP1.1
3
28
I/O
TTL
D1 digital input/output for GP1
GP1.2
4
1
I/O
TTL
D2 digital input/output for GP1
GP1.3
5
2
I/O
TTL
D3 digital input/output for GP1
GP1.4
7
4
I/O
TTL
D4 digital input/output for GP1
GP1.5
11
8
I/O
ST
D5 digital input/output for GP1
GP1.6
12
9
I/O
ST
D6 digital input/output for GP1
GP1.7
13
10
I/O
ST
D7 digital input/output for GP1
GP0.0
21
18
I/O
TTL
D0 digital input/output for GP0
GP0.1
22
19
I/O
TTL
D1 digital input/output for GP0
GP0.2
23
20
I/O
TTL
D2 digital input/output for GP0
GP0.3
24
21
I/O
TTL
D3 digital input/output for GP0
GP0.4
25
22
I/O
TTL
D4 digital input/output for GP0
GP0.5
26
23
I/O
TTL
D5 digital input/output for GP0
GP0.6
27
24
I/O
TTL
D6 digital input/output for GP0
GP0.7
28
25
I/O
TTL
D7 digital input/output for GP0
SCL
14
11
I
ST
Serial clock input
SDA
15
12
I/O
ST
Serial data I/O
INT
6
3
O
OD
Interrupt output
A0
16
13
I
ST
Address input 1
A1
17
14
I
ST
Address input 2
A2
18
15
I
ST
Address input 3
VSS
1, 8, 19
5, 16, 26
P
—
Ground reference for logic and I/O pins
VDD
20
17
P
—
Positive supply for logic and I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com