Electronic Components Datasheet Search
  English  ▼

X  

MCP3202 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3202
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3202_06 Datasheet HTML 2Page - Microchip Technology MCP3202_06 Datasheet HTML 3Page - Microchip Technology MCP3202_06 Datasheet HTML 4Page - Microchip Technology MCP3202_06 Datasheet HTML 5Page - Microchip Technology MCP3202_06 Datasheet HTML 6Page - Microchip Technology MCP3202_06 Datasheet HTML 7Page - Microchip Technology MCP3202_06 Datasheet HTML 8Page - Microchip Technology MCP3202_06 Datasheet HTML 9Page - Microchip Technology MCP3202_06 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP3202
DS21034D-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, V
DD = 5V, VSS = 0V, fSAMPLE
= 100 ksps, fCLK = 18* fSAMPLE,TA = 25°C
FIGURE 2-7:
Integral
Nonlinearity
(INL)
vs.
Temperature.
FIGURE 2-8:
Differential
Nonlinearity
(DNL)
vs.
Sample Rate.
FIGURE 2-9:
Differential Nonlinearity (DNL) vs. V
DD.
FIGURE 2-10: Integral
Nonlinearity
(INL)
vs.
Temperature (V
DD = 2.7V).
FIGURE 2-11: Differential
Nonlinearity
(DNL)
vs.
Sample Rate (V
DD = 2.7V).
FIGURE 2-12: Differential Nonlinearity (DNL) vs. V
DD.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
255075
100
Temperature (°C)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
255075
100
125
150
Sample Rate (ksps)
Positive DNL
Negative DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
3.0
3.5
4.0
4.5
5.0
VDD(V)
Positive DNL
Negative DNL
FSAMPLE = 100 ksps
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
255075
100
Temperature (°C)
Positive INL
VDD = 2.7V
FSAMPLE = 50 ksps
Negative INL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
2040
6080
100
Sample Rate (ksps)
V
DD = 2.7V
Positive DNL
Negative DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD(V)
Positive DNL
Negative DNL
FSAMPLE = 50 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com