Electronic Components Datasheet Search
  English  ▼

X  

24AA32 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA32
Description  32K 1.8V I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32 Datasheet(HTML) 1 Page - Microchip Technology

  24AA32 Datasheet HTML 1Page - Microchip Technology 24AA32 Datasheet HTML 2Page - Microchip Technology 24AA32 Datasheet HTML 3Page - Microchip Technology 24AA32 Datasheet HTML 4Page - Microchip Technology 24AA32 Datasheet HTML 5Page - Microchip Technology 24AA32 Datasheet HTML 6Page - Microchip Technology 24AA32 Datasheet HTML 7Page - Microchip Technology 24AA32 Datasheet HTML 8Page - Microchip Technology 24AA32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2004 Microchip Technology Inc.
DS21124E-page 1
FEATURES
• Voltage operating range: 1.8V to 6.0V
- Peak write current 3 mA at 6.0V
- Maximum read current 150
µA at 6.0V
- Standby current 1
µA typical
• Industry standard two-wire bus protocol, I2C
compatible
- Including 100 kHz (1.8V) and 400 kHz (5V)
modes
• Self-timed ERASE and WRITE cycles
• Power on/off data protection circuitry
• Endurance:
- 10,000,000 Erase/Write (E/W) cycles guaran-
teed for High Endurance Block
- 1,000,000 E/W cycles guaranteed for
Standard Endurance Block
• 8 byte page, or byte modes available
• 1 page x 8 line input cache (64 bytes) for fast write
loads
• Schmitt trigger, filtered inputs for noise suppression
• Output slope control to eliminate ground bounce
• 2 ms typical write cycle time, byte or page
• Factory programming (QTP) available
• Up to 8 devices may be connected to the same
bus for up to 256K bits total memory
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
•
Temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24AA32 is a 4K x 8
(32K bit) Serial Electrically Erasable PROM capable of
operation across a broad voltage range (1.8V to 6.0V).
This device has been developed for advanced, low
power applications such as personal communications
or data acquisition. The 24AA32 features an input
cache for fast write loads with a capacity of eight 8-byte
pages, or 64 bytes. It also features a fixed 4K bit block
of ultra-high endurance memory for data that changes
frequently. The 24AA32 is capable of both random and
sequential reads up to the 32K boundary. Functional
address lines allow up to eight 24AA32 devices on the
same bus, for up to 256K bits address space.
- Commercial (C):
0°C to +70°C
BLOCK DIAGRAM
Advanced CMOS technology and broad voltage range
make this device ideal for low-power/low voltage, non-
volatile code PACKAGE TYPEsand data applications.
The 24AA32 is available in the standard 8-pin plastic
DIP and 8-pin surface mount SOIC package.
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
PDIP
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
SDA
SCL
VCC
VSS
I/O
A2
A1
A0
CACHE
24AA32
32K 1.8V I2C™ Smart Serial™ EEPROM
I2C is a trademark of Philips Corporation.
Smart Serial is a trademark of Microchip Technology Inc.
Obsolete Device
Please use 24AA32A or 24AA65.


Similar Part No. - 24AA32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24AA32-P MICROCHIP-24AA32-P Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24AA32-SN MICROCHIP-24AA32-SN Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24AA32A MICROCHIP-24AA32A Datasheet
364Kb / 26P
32KIC Serial EEPROM
2003
More results

Similar Description - 24AA32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24LC32 MICROCHIP-24LC32 Datasheet
137Kb / 14P
32K 2.5V I2C??Smart Serial EEPROM
2004
24AA65 MICROCHIP-24AA65_03 Datasheet
284Kb / 24P
64K 1.8V I2C Smart Serial O EEPROM
2003
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
32K I2C??Serial EEPROM
2009
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
32K I2C??Serial EEPROM
2002-2012
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
32K I2C Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com