Electronic Components Datasheet Search
  English  ▼

X  

CT01 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CT01
Description  SMT Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CT01 Datasheet(HTML) 1 Page - ice Components, Ins.

  CT01 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
-Low Profile
-Full Selection of Turns Ratios
-Primary Rated for 10A
-Frequency Range up to 1MHz
-Suitable for Pick And Place Applications
-Withstands Solder Reflow
APPLICATIONS
-DC/DC Converters
-AC/DC Converters
SMT Current Sense Transformer
CT01 Series
Mechanical
Electrical Specifications
CT01-020-R
CT01-030-R
CT01-040-R
CT01-050-R
CT01-060-R
CT01-070-R
CT01-100-R
CT01-125-R
CT01-200-R
Part
Number
0.40
0.60
0.80
1.50
1.70
3.10
5.50
6.50
35.00
Rs
(Ω, max.)
500
500
500
500
500
500
500
500
500
Hi-Pot
1. Tested @ 10kHz, 0.1Vrms.
2. Electrical specifications at 25ºC.
3. Operating temperature range:
-40ºC to +130ºC.
4. Meets UL 94V-0.
5. Terminating resistor for 1 volt
out with 6 Amps AC flowing
through the primary.
Ls
1
(µH, min.)
102
230
408
638
920
1250
1680
2620
6700
3.33
5.00
6.67
8.33
10.00
11.67
16.67
20.83
33.33
Terminating
5
Resistor (Ω)
Turns
Ratio
1:20
1:30
1:40
1:50
1:60
1:70
1:100
1:125
1:200
�
�
�
�
���������
��������
�������
��������
���
�
�
�
�
�
�
�
��������
���
�
���
����
���
��������
���
���
���
���
��������������������
���
( 10/06) CT01-1
PACKAGING
-Reel Diameter: 13"
-Reel Width:
16mm
-Pieces Per Reel: 1000
Specifications subject to change without notice.
Recommend PCB Layout
Schematic
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
cust.serv@icecomp.com
www.icecomponents.com


Similar Part No. - CT01

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT01 ICE-CT01 Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT01-020-R ICE-CT01-020-R Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT01-030-R ICE-CT01-030-R Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT01-040-R ICE-CT01-040-R Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT01-050-R ICE-CT01-050-R Datasheet
215Kb / 1P
SMT Current Sense Transformer
More results

Similar Description - CT01

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT01 ICE-CT01_08 Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT03 ICE-CT03_08 Datasheet
254Kb / 1P
SMT Current Sense Transformer
logo
List of Unclassifed Man...
TCS-01 ETC2-TCS-01 Datasheet
116Kb / 1P
SMT CURRENT SENSE TRANSFORMER
logo
Pulse A Technitrol Comp...
PA1005.020QNL PULSE-PA1005.020QNL Datasheet
298Kb / 2P
SMT Current Sense Transformer
M1300 PULSE-M1300 Datasheet
123Kb / 2P
SMT CURRENT SENSE TRANSFORMER
M1807 PULSE-M1807 Datasheet
127Kb / 2P
SMT CURRENT SENSE TRANSFORMER
PA1005QNL PULSE-PA1005QNL Datasheet
385Kb / 2P
SMT Current Sense Transformer
PH9500.XXXNL PULSE-PH9500.XXXNL Datasheet
343Kb / 2P
SMT Current Sense Transformer
logo
Eaton All Rights Reserv...
ECST1V0504 EATON-ECST1V0504 Datasheet
827Kb / 5P
SMT current sense transformer
April 2022
ECST1V0703 EATON-ECST1V0703 Datasheet
854Kb / 5P
SMT current sense transformer
April 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com