Electronic Components Datasheet Search
  English  ▼

X  

LO32 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LO32
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LO32 Datasheet(HTML) 1 Page - ice Components, Ins.

  LO32 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
-Will Handle up to 2.20A
-Economical Design
-Suitable for Pick and Place Applications
-Withstands Solder Reflow
APPLICATIONS
-Handheld and PDA Applications
-DC/DC Converters
-SMPS Applications
-Battery Powered or Low Voltage Applications
Surface Mount Power Inductors
LO32 Series
Mechanical
Electrical Specifications
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drops 10% at rated I
dc.
3. Electrical specifications at 25ºC.
4. Operating temperature range:
-40ºC t0 +85ºC.
5. Meets UL 94V-0.
Specifications subject to change without notice.
PACKAGING
-Reel Diameter: 7"
-Reel Width:
8mm
-Pieces Per Reel: 2000
LO32-1R0-RM
LO32-1R2-RM
LO32-1R5-RM
LO32-1R8-RM
LO32-2R2-RM
LO32-2R7-RM
LO32-3R3-RM
LO32-3R9-RM
LO32-4R7-RM
LO32-5R6-RM
LO32-6R8-RM
LO32-8R2-RM
LO32-100-RM
LO32-120-RM
LO32-150-RM
LO32-180-RM
LO32-220-RM
LO32-270-RM
LO32-330-RM
LO32-390-RM
LO32-470-RM
LO32-560-RM
LO32-680-RM
LO32-820-RM
LO32-101-RM
LO32-121-RM
LO32-151-RM
LO32-181-RM
LO32-221-RM
LO32-271-RM
LO32-331-RM
Part
Number
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
Inductance1
(µ
H+/-20%)
0.045
0.050
0.055
0.070
0.085
0.100
0.120
0.125
0.135
0.145
0.200
0.250
0.320
0.350
0.460
0.520
0.650
0.750
0.920
1.00
1.15
1.50
2.00
2.15
2.50
3.40
4.20
4.50
5.10
8.50
9.50
2.20
2.10
1.70
1.65
1.60
1.40
1.05
1.00
1.00
0.95
0.95
0.92
0.90
0.85
0.75
0.70
0.60
0.55
0.50
0.48
0.45
0.30
0.26
0.23
0.20
0.18
0.16
0.15
0.14
0.10
0.09
I
dc max
2
(A)
DCR max
(Ω)
���
��� �
��
���
�������
1.0 Typ.
��������������������
���
���
���
���
�������
(10/06) LO-6
Recommend PCB Layout
unit:mm
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - LO32

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LO320Z SEOUL-LO320Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LO321 SEOUL-LO321 Datasheet
376Kb / 14P
INFRARED LAMP LED
LO321 SEOUL-LO321 Datasheet
360Kb / 13P
CYAN LAMP LED
LO321 SEOUL-LO321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LO321 SEOUL-LO321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LO32

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com