Electronic Components Datasheet Search
  English  ▼

X  

IPT-1010 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IPT-1010
Description  IC Reference Design Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IPT-1010 Datasheet(HTML) 1 Page - ice Components, Ins.

  IPT-1010 Datasheet HTML 1Page - ice Components, Ins. IPT-1010 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The IPT series is a comprehensive line of SMPS transformers
specifically developed to be used with off-line PWM controllers
from leading IC manufacturers.
The manufacturers’ reference literature is available by accessing
this datasheet on-line at
www.icecomponents.com.
Please contact ICE Components to request samples or to
discuss
a custom version to meet your specific requirements.
IPT Series
IC Reference Design Transformers
Fairchild Semiconductor
IC P/N
App Note
Power
Output
Input
ICE Part No.
KA5M0265R
AN 4101
3.36W
4.2V
85-265Vac
IPT-1001
KA5Q0765RT
AN 4102
100W
13V, 125V
85-265Vac
IPT-1002
KA5S0765
AN 4103
80W
6.3V, 11V, 15V, 75V, 170V
85-265Vac
IPT-1003
KA5S0965
AN 4103
120W
6.3V, 11V, 15V, 75V, 170V
85-265Vac
IPT-1004
KA5S1265
AN 4103
150W
6.5V, 15V, 25V, 85V, 190V
85-265Vac
IPT-1005
KA5M0365R
AN 4106
19W
3.3V, 5V, 9V, 33V
85-265Vac
IPT-1006
FS6S0965RT
AN 4108
90W
5V, 6.5V, +/-15V, 80V, 180V
85-265Vac
IPT-1007
FS6S0965RCB
AN 4108
95W
6.3V, 11V, 15V, 75V, 170V
85-265Vac
IPT-1008
FS6S0965RCB
AN 4108
120W
6.5V, 15V, 25V, 85V, 190V
85-265Vac
IPT-1009
FSDH0165
AN 4111
3.36W
4.2V
85-265Vac
IPT-1010
FS6M07652R
AN 4116
28.2W
3.3V, 5V, 12V
85-265Vac
IPT-1011
FSD210
Datasheet
3.4W
5.2V
85-265Vac
IPT-1012
FSDL0165RN
Datasheet
20W
3.4V, 5V, 17V, 23V
85-275Vac
IPT-1013
FSDM0565R
Datasheet
40W
5V, 12V
85-265Vac
IPT-1016
FSDM07652R
Datasheet
40W
5V, 12V
85-265Vac
IPT-1017
FS7M0680
Datasheet
70W
5V, 12V
85-265Vac
IPT-1018
FS7M0880
Datasheet
100W
12V
85-265Vac
IPT-1019
FS8S0765RCB
Datasheet
80W
6.5V, +/-14.5V, 50V, 80V
85-265Vac
IPT-1020
Specifications subject to change without notice.
(04/07) IPT-1
Infineon
IC P/N
App Note
Power
Output
Input
ICE Part No.
ICE2A365
DN-SMPSMultistage
40W
5V, +/-12V, 30V
90-264Vac
IPT-2002
ICE2B265
DN-SMPSSinglestage
30W
18V
85-265Vac
IPT-2003
ICE2A165
DN-Charger_Adapter10W
14W
5V
85-270Vac
IPT-2008
ICE2A0565 AN-EvalSF2_ICE2A0565Z-2
10W
5V
85-270Vac
IPT-2009
ICE2A365
AN-EvalSF2_ICE2A365-12
50W
16V
85-270Vac
IPT-2011
ON Semiconductor
IC P/N
App Note
Power
Output
Input
ICE Part No.
NCP1215
AND8128/D
5W
6.5V
90-275Vac
IPT-4024
MC44608P40
AND8034/D
20W
35V
200-260Vac
IPT-4029
MC44603
AN4001/D
110W
8V, 15V, 28V, 120V
80-140/180-280Vac
IPT-4030
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304
cust.serv@icecomp.com
www.icecomponents.com


Similar Part No. - IPT-1010

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPT-HH27 PF-IPT-HH27 Datasheet
612Kb / 2P
Handheld (125 kHz)
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
Handheld
2022-05-06
More results

Similar Description - IPT-1010

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
DTV Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com