Electronic Components Datasheet Search
  English  ▼

X  

TDA8341 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8341
Description  Television IF amplifier and demodulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8341 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8341 Datasheet HTML 1Page - NXP Semiconductors TDA8341 Datasheet HTML 2Page - NXP Semiconductors TDA8341 Datasheet HTML 3Page - NXP Semiconductors TDA8341 Datasheet HTML 4Page - NXP Semiconductors TDA8341 Datasheet HTML 5Page - NXP Semiconductors TDA8341 Datasheet HTML 6Page - NXP Semiconductors TDA8341 Datasheet HTML 7Page - NXP Semiconductors TDA8341 Datasheet HTML 8Page - NXP Semiconductors TDA8341 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
November 1987
5
Philips Semiconductors
Product specification
Television IF amplifier and demodulator
TDA8340
TDA8341
AGC control circuit
This converts the AGC detector voltage (pin 14) into a current signal which controls the gain of the IF amplifier. It also
provides a tuner AGC control output from pin 4, current limiting is incorporated to prevent internal damage. The AGC
starting point is adjusted via pin 3.
AFC circuit
The AFC circuit provides a voltage output which controls the IF frequency of the tuner. Video information on the AFC
output (pin 5) is eliminated by a sample-and-hold circuit (external capacitor at pin 6). Coupling between the AFC and
reference tuned circuits is via two small capacitors (or parasitic capacitance) between the respective tracks of the printed
circuit board. If the capacitance is less than 1 pF, the steepness of the AFC characteristic is reduced.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage (pin 11)
VCC =V11−13
9,4
13,2
V
IF AGC voltage/VCR switch
V14-13
−
13,2
V
Tuner AGC voltage
V4-13
−
12
V
AFC switch voltage
V6-13
−
13,2
V
Maximum voltage level with
VCR switch active
V12-13
−
5,0
V
DC current at video output
I12
−
10
mA
DC current at AFC output
I5
−
10
mA
Total power dissipation
Ptot
−
1,2
W
Storage temperature range
Tstg
−55
+150
°C
Operating ambient temperature
Tamb
−25
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com