Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA992 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20V, VCM = VS / 2, RLOAD = 10kΩ (unless otherwise noted)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-500
-400
-300
-200
-100
0
100
200
300
400
500
D018
VCM = V–
Data from 74 amplifiers
Figure 5-11. Offset Voltage vs Power Supply
Frequency (Hz)
-45
-30
-15
0
15
30
45
60
75
100
1k
10k
100k
1M
10M
D005
G=-1
G=1
G=11
G=101
G=1001
Figure 5-12. Closed-Loop Gain vs Frequency
Common-Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
D019
IB-
IB+
IOS
Figure 5-13. Input Bias Current and Offset Current vs Common-
Mode Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
D020
IB-
IB+
IOS
Figure 5-14. Input Bias Current and Offset Current vs
Temperature
Input Step (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
50
D035
SR+
SR-
Figure 5-15. Slew Rate vs Input Step Voltage
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V+
V+ - 1V
V+ - 2V
V+ - 3V
V+ - 4V
V+ - 5V
V+ - 6V
V+ - 7V
V+ - 8V
V+ - 9V
V+ - 10V
D021
-40°C
25°C
125°C
VS = 40V
Figure 5-16. Output Voltage Swing vs Output Current (Sourcing)
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9E – AUGUST 2022 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com