Electronic Components Datasheet Search
  English  ▼

X  

MSD-9-A Datasheet(PDF) 4 Page - CUI Devices

Part # MSD-9-A
Description  MICRO SD CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MSD-9-A Datasheet(HTML) 4 Page - CUI Devices

  MSD-9-A Datasheet HTML 1Page - CUI Devices MSD-9-A Datasheet HTML 2Page - CUI Devices MSD-9-A Datasheet HTML 3Page - CUI Devices MSD-9-A Datasheet HTML 4Page - CUI Devices MSD-9-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | MODEL: MSD-9-A | DESCRIPTION: MICRO SD CARD CONNECTOR
date 10/26/2023 | page 4 of 5
cuidevices.com
units: mm
Reel Size: Ø330 mm
Reel QTY: 1,200 pcs per reel
Reserved 15PCS MIN
Reserved 15PCS MIN
Reserved 15PCS MIN
Reserved 15PCS MIN
COMPONENTS
COMPONENTS
Packaging 1200PCS
Packaging 1200PCS
Reserved 300mm MIN
Reserved 300mm MIN
Reserved 300mm
Reserved 300mm
PACKAGING
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com