Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 3 Page - Texas Instruments

  TMP112 Datasheet HTML 1Page - Texas Instruments TMP112 Datasheet HTML 2Page - Texas Instruments TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
4 Device Comparison
Table 4-1. Device Options
Feature
TMP102
TMP110
TMP112A
TMP112B
TMP112N
TMP112Dx
TMP1075N
VDD Range (V)
1.4 - 3.6
1.14 - 5.5
1.4 - 3.6
1.4 - 3.6
1.4 - 3.6
1.4 - 3.6
1.62 - 3.6
IAVG (μA)
(Typ)
3.2 @ 1Hz
4.8 @ 4Hz
3.2 @ 1Hz
3.2 @ 1Hz
4.8 @ 4Hz
3.2 @ 1Hz
4.8 @ 4Hz
3.2 @ 1Hz
4.8 @ 4Hz
3.2 @ 1Hz
4.8 @ 4Hz
4.8 @ 4Hz
IQ_ACTIVE (μA)
(Typ)
55
55
55
55
55
55
-
ISB (μA)
2.6
2.6
2.6
2.6
2.6
2.6
-
ISD (μA)
0.15
0.15
0.15
0.15
0.15
0.15
0.15
Conversion
Time (ms)
10
10
10
10
10
10
10
Accuracy
0°C to 65°C
(max)
-
-
±0.5 @ 3.3V
±0.5 @ 1.8V
-
-
-
-10°C to 65°C
(max)
-
-
-
-
-
-
±1
-25°C to 85°C
(max)
±2
-
-
-
-
±0.5 @ ≥1.5V
-
-40°C to 125°C
(max)
±3
±1
±1
±1
±1
±1
±2
Packaging
Dimensions
[mm × mm ×
mm]
SOT563-6
[1.6 × 1.6 × 0.6]
X2SON-5
[0.8 × 0.8 × 0.4]
SOT563-6
[1.6 × 1.6 × 0.6]
X2SON-5
[0.8 × 0.8 × 0.4]
SOT563-6
[1.6 × 1.6 × 0.6]
SOT563-6
[1.6 × 1.6 × 0.6]
Features
Address #
4
4
4
4
4
4
4
Address &
Alert
Programming
Address + Alert Address or Alert
Address + Alert
Address or Alert
Address + Alert
Address + Alert
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com