Electronic Components Datasheet Search
  English  ▼

X  

TMP112B Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP112B
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 19Page - Texas Instruments TMP112B Datasheet HTML 20Page - Texas Instruments TMP112B Datasheet HTML 21Page - Texas Instruments TMP112B Datasheet HTML 22Page - Texas Instruments TMP112B Datasheet HTML 23Page - Texas Instruments TMP112B Datasheet HTML 24Page - Texas Instruments TMP112B Datasheet HTML 25Page - Texas Instruments TMP112B Datasheet HTML 26Page - Texas Instruments TMP112B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Table 7-7. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
7.5.2 Temperature Register
The Temperature Register of the TMP112 family is configured as a 12-bit read-only register (setting the EM bit
to 0 in the configuration register; see the Extended Mode section), or as a 13-bit read-only register (setting the
EM bit to 1 in the configuration register) that stores the output of the most recent conversion. Two bytes must be
read to obtain data and are listed in Table 7-8 and Table 7-9. Byte 1 is the most significant byte (MSB), followed
by byte 2, the least significant byte (LSB). The first 12 bits (13 bits in extended mode) are used to indicate
temperature. The least significant byte does not have to be read if that information is not needed.
Table 7-8. Byte 1 of Temperature Register
Note: Extended mode 13-bit configuration shown in parentheses.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
T11
T10
T9
T8
T7
T6
T5
T4
(T12)
(T11)
(T10)
(T9)
(T8)
(T7)
(T6)
(T5)
Table 7-9. Byte 2 of Temperature Register
Note: Extended mode 13-bit configuration shown in parentheses.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
T3
T2
T1
T0
0
0
0
0
(T4)
(T3)
(T2)
(T1)
(T0)
(0)
(0)
(1)
7.5.3 Configuration Register
The Configuration Register is a 16-bit read/write register used to store bits that control the operational modes of
the temperature sensor. Read/write operations are performed MSB first. Table 7-10 lists the format and power-up
and reset values of the configuration register. For compatibility, the first byte corresponds to the Configuration
Register in the TMP75 and TMP275 devices. All registers are updated byte by byte.
Table 7-10. Configuration and Power-Up/Reset Formats
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
0
1
1
0
0
0
0
0
2
CR1
CR0
AL
EM
0
0
0
0
1
0
1
0
0
0
0
0
7.5.3.1 Shutdown Mode (SD)
The Shutdown mode bit saves maximum power by shutting down all device circuitry other than the serial
interface, reducing current consumption to typically less than 0.15 μA for both SOT563-6 and X2SON-5
packages. Shutdown mode is enabled when the SD bit = 1; the device shuts down when current conversion
is completed. When SD = 0, the device maintains a continuous conversion state.
7.5.3.2 Thermostat Mode (TM)
The Thermostat mode bit indicates to the device whether to operate in Comparator mode (TM = 0 shown in
Figure 7-9) or Interrupt mode (TM = 1 shown in Figure 7-10). For more information on Comparator and Interrupt
modes, see the High- and Low-Limit Registers section.
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com