Electronic Components Datasheet Search
  English  ▼

X  

TMP112D2 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP112D2
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112D2 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP112D2 Datasheet HTML 28Page - Texas Instruments TMP112D2 Datasheet HTML 29Page - Texas Instruments TMP112D2 Datasheet HTML 30Page - Texas Instruments TMP112D2 Datasheet HTML 31Page - Texas Instruments TMP112D2 Datasheet HTML 32Page - Texas Instruments TMP112D2 Datasheet HTML 33Page - Texas Instruments TMP112D2 Datasheet HTML 34Page - Texas Instruments TMP112D2 Datasheet HTML 35Page - Texas Instruments TMP112D2 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
issues. With this scenario, a minimum annular ring width specification of 0.125mm (5 mil) is required: Anullar
Ring Width (mm) = (0.305-0.1)/2.
1
2
3
4
5
Not to scale
0.01µF
5k
5k
5k
MCU INT
I
2C Bus
3
4
2
5
1
0.08mm
0.102mm
Trace on
Bottom Layer
4
2
5
1
0.102mm
0.305mm
Via
3
Via to Power Plane
Via to Internal Plane
Internal Layer Trace
Top/Bottom Layer Trace
Via to Ground Plane
Center Pin Layout Option 1 (Alert Variant)
Center Pin Layout Option 2 (Alert Variant)
Figure 8-7. ALERT Pin Layout Example (X2SON-5 package)
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com