Electronic Components Datasheet Search
  English  ▼

X  

24AA256 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA256
Description  256K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256 Datasheet(HTML) 1 Page - Microchip Technology

  24AA256 Datasheet HTML 1Page - Microchip Technology 24AA256 Datasheet HTML 2Page - Microchip Technology 24AA256 Datasheet HTML 3Page - Microchip Technology 24AA256 Datasheet HTML 4Page - Microchip Technology 24AA256 Datasheet HTML 5Page - Microchip Technology 24AA256 Datasheet HTML 6Page - Microchip Technology 24AA256 Datasheet HTML 7Page - Microchip Technology 24AA256 Datasheet HTML 8Page - Microchip Technology 24AA256 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21203N-page 1
24AA256/24LC256/24FC256
Device Selection Table
Features:
• Low-power CMOS technology:
- Maximum write current 3 mA at 5.5V
- Maximum read current 400
μA at 5.5V
- Standby current 100 nA, typical at 5.5V
• 2-wire serial interface bus, I2C™ compatible
• Cascadable for up to eight devices
• Self-timed erase/write cycle
• 64-byte Page Write mode available
• 5 ms max. write cycle time
• Hardware write-protect for entire array
• Output slope control to eliminate ground bounce
• Schmitt Trigger inputs for noise suppression
• 1,000,000 erase/write cycles
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP, SOIC, TSSOP, MSOP and DFN
packages, 14-lead TSSOP package
• Pb-free finishes available
• Temperature ranges:
Description:
The Microchip Technology Inc. 24AA256/24LC256/
24FC256 (24XX256*) is a 32K x 8 (256 Kbit) Serial
Electrically Erasable PROM, capable of operation
across a broad voltage range (1.8V to 5.5V). It has
been developed for advanced, low-power applications
such as personal communications or data acquisition.
This device also has a page write capability of up to 64
bytes of data. This device is capable of both random
and sequential reads up to the 256K boundary.
Functional address lines allow up to eight devices on
the same bus, for up to 2 Mbit address space. This
device is available in the standard 8-pin plastic DIP,
SOIC, TSSOP, MSOP and DFN packages.
Block Diagram
Package Types
*24XX256 is used in this document as a generic part number for the 24AA256/24LC256/24FC256 devices.
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA256
1.8-5.5V
400 kHz(1)
I
24LC256
2.5-5.5V
400 kHz
I, E
24FC256
1.8-5.5V
1 MHz(2)
I
Note 1:
100 kHz for VCC < 2.5V.
2:
400 kHz for VCC < 2.5V.
- Industrial (I):
-40
°C to +85°C
- Automotive (E):
-40
°C to +125°C
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1A2
SDA
SCL
VCC
VSS
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC
TSSOP/MSOP*
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN
A0
A1
A2
VSS
WP
SCL
SDA
5
6
7
8
4
3
2
1
VCC
Note: * Pins A0 and A1 are no connects for the MSOP package only.
256K I2C™ CMOS Serial EEPROM


Similar Part No. - 24AA256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24AA256 MICROCHIP-24AA256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256 Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
logo
ARTSCHIP ELECTRONICS CO...
24AA256 ARTSCHIP-24AA256 Datasheet
381Kb / 9P
I2C CMOS Serial EEPROM
More results

Similar Description - 24AA256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com