Electronic Components Datasheet Search
  English  ▼

X  

24LCS61 Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LCS61
Description  1K/2K Software Addressable I2C??Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS61 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LCS61 Datasheet HTML 3Page - Microchip Technology 24LCS61 Datasheet HTML 4Page - Microchip Technology 24LCS61 Datasheet HTML 5Page - Microchip Technology 24LCS61 Datasheet HTML 6Page - Microchip Technology 24LCS61 Datasheet HTML 7Page - Microchip Technology 24LCS61 Datasheet HTML 8Page - Microchip Technology 24LCS61 Datasheet HTML 9Page - Microchip Technology 24LCS61 Datasheet HTML 10Page - Microchip Technology 24LCS61 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2004 Microchip Technology Inc.
DS21226E-page 7
24LCS61/24LCS62
5.0
ASSIGNING THE ID BYTE
The 24LCS61/62 device contains a special register
which holds an 8-bit ID byte that is used as an address
to communicate with a specific device on the bus. All
Read and Write commands to the device must include
this ID address byte. Upon power-up, the ID byte will
default to 00h. Communicating with the device using
the default address is typically done only at testing or
programming time and not when it is connected to a
bus with more than one device. Before the device can
be used on a common bus with other devices, a unique
ID byte address must be assigned to every device.
5.1
Assign Address Command
The ID byte is assigned by sending the Assign Address
command.
This
command
queries
any
device
connected to the bus and utilizing the automatic bus
arbitration feature, assigns an ID byte to the device that
remains on the bus after arbitration is complete. Once
a device has been assigned an ID byte, it will no longer
respond to Assign Address commands until power is
cycled or the Clear Address command is sent. The
Assign Address command must be repeated for each
device on the bus until all devices have been assigned
an ID byte.
The format for the Assign Address command is shown
in Figure 5-1. The command consists of the control
byte, the ID byte to be assigned to the device remaining
when the arbitration is complete, and 48 bits of data
being transmitted by devices on the bus. If the OE bit is
set to a 1, then any device who has not been assigned
an address will assert their respective EDS pin after the
Acknowledge bit following the Device ID byte. After the
control byte and ID byte are sent, each device will
begin to transmit its unique 48-bit serial number.
The 24LCS61/62 must acknowledge the control byte
and the device ID byte, and the master must acknowl-
edge each byte of the serial number transmitted by the
device. As each bit is clocked out, each device will
monitor the bus to detect if another device is also
transmitting. If any device is outputting a logic ‘1’ on the
bus and it detects that the bus is at a logic ‘0’, then it
assumes that another device is controlling the bus. As
soon as any device detects that it is not controlling the
bus it will immediately stop transmitting data and return
to Standby mode. The master must end the command
by sending a no ACK after all 6 bytes of the serial
number have been transmitted, followed by a Stop bit.
Sending the Stop bit in any other position of the
command will result in the command aborting and all
devices releasing the bus with no address assigned. If
a device transmits its entire 48 bit serial number without
releasing the bus to another device, then the ID byte
transmitted within the command is transferred to the
internal ID byte register upon receipt of the Stop bit and
it will now respond only to commands that contain this
ID byte (or the Clear Address command). Once a
device has been assigned an ID byte, it will no longer
respond to Assign Address commands until power is
cycled or the Clear Address command is sent.
This process of assigning ID bytes is repeated by the
controller until no more devices respond to the Assign
Address command. At this point, all devices on the bus
have been assigned an ID byte and standard Read and
Write commands can be executed to each individual
device.
The ID byte is stored in a volatile SRAM register, and if
power is removed from the device or the Clear Address
command is sent, then the ID byte will default to
address 00 and the process of assigning an ID value
must be repeated.
FIGURE 5-1:
ASSIGN ADDRESS COMMAND
S
P
S
T
A
R
T
CONTROL
BYTE
S
T
O
P
Device ID Byte
6 Bytes (48 Bits) of Device Serial Number
with each byte separated by an ACK bit
1
01 0
A unique address must be assigned to each
device on the bus
A
C
K
A
C
K
A
C
K
A
C
K
O
10 0
Stop bit must occur here
or command will abort
E
N
O
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com