Electronic Components Datasheet Search
  English  ▼

X  

LS7561N Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS7561N
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7561N Datasheet(HTML) 8 Page - LSI Computer Systems

  LS7561N Datasheet HTML 1Page - LSI Computer Systems LS7561N Datasheet HTML 2Page - LSI Computer Systems LS7561N Datasheet HTML 3Page - LSI Computer Systems LS7561N Datasheet HTML 4Page - LSI Computer Systems LS7561N Datasheet HTML 5Page - LSI Computer Systems LS7561N Datasheet HTML 6Page - LSI Computer Systems LS7561N Datasheet HTML 7Page - LSI Computer Systems LS7561N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TABLE 1. OUTPUT COMMUTATION SEQUENCE FOR THREE-PHASE OPERATION
LS7560N
SENSOR ELECTRICAL
SEPARATION
TOP
BOTTOM
60°
120°
DRIVERS
DRIVERS
S1, S2, S3
S1, S2, S3
F/R
EN
BRK
OCS
O1, O2, O3 O4, O5, O6
FAULT
0
0
0
0
0
1
1
1
0
0
0
1
1
0
1
0
1
1
0
0
1
0
1
1
1
0
0
1
1
0
0
1
0
1
1
1
0
1
0
0
1
1
0
0
1
1
0
1
0
0
1
1
1
1
1
1
0
1
1
0
0
1
0
1
1
0
0
1
0
1
1
0
1
0
1
1
0
0
1
0
1
0
0
1
1
0
0
1
0
1
1
1
1
0
0
0
1
1
0
0
1
1
0
1
0
0
0
0
x
x
0
x
1
1
1
0
0
0
0
1
0
1
1
1
1
x
x
0
x
1
1
1
0
0
0
0
0
0
0
0
0
1
0
1
0
0
1
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
0
1
0
1
0
0
1
1
1
1
0
1
0
0
0
1
0
0
0
1
1
0
0
1
1
1
1
1
1
1
0
0
1
0
0
0
1
1
0
1
0
1
0
1
1
0
1
0
0
1
0
0
1
1
0
0
1
0
1
0
0
1
0
1
1
0
1
0
0
1
1
0
1
0
0
1
0
1
0
0
0
0
x
x
0
x
1
1
1
0
0
0
0
1
0
1
1
1
1
x
x
0
x
1
1
1
0
0
0
0
x
x
x
x
x
x
x
x
1
x
1
1
1
1
1
1
1
x
x
x
x
x
x
x
x
0
1
1
1
1
0
0
0
0
x
x
x
x
x
x
x
0
0
x
1
1
1
0
0
0
0
NOTE 1: This Table assumes the Top Driver Polarity Select (Pin 20) = Logic 0.
For Pin 20 = Logic 1, invert the polarity of the top drivers.
NOTE 2: For the LS7561N, the Overcurrent Sense = Logic 1 only forces the bottom drivers to a Logic 0.
It has no effect on the top driver outputs which are determined by the other inputs as shown in the table.
EN = ENABLE
BRK = BRAKE
OCS = OVER
CURRENT
SENSE
TABLE 2. OUTPUT COMMUTATION SEQUENCE FOR FOUR-PHASE OPERATION
LS7560N
SENSOR ELECTRICAL
SEPARATION = 90°
TOP
BOTTOM
DRIVERS
DRIVERS
S1
S2, S3
F/R
EN
BRK
OCS
O1, O3
O4, O6
FAULT
0
0
1
1
0
0
1
0
0
0
1
1
0
1
1
0
0
0
1
0
0
1
1
1
1
1
0
0
0
0
1
0
1
0
1
1
1
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
1
0
1
1
0
0
1
0
0
0
0
0
1
1
1
1
0
1
0
0
1
0
0
0
1
0
1
0
1
0
0
0
1
0
0
1
x
x
x
x
1
x
0
0
1
1
1
x
x
x
x
0
1
0
0
0
0
0
x
x
x
0
0
x
0
0
0
0
0
NOTE 1: Sequence Input (Pin 1) set at a Logic 1.
NOTE 2: This Table assumes the Top Driver Polarity Select (Pin 20) = Logic 1.
For Pin 20 = Logic 0, invert the polarity of the top drivers.
NOTE 3: For the LS7561N, the Overcurrent Sense = Logic 1 only forces the bottom drivers to a Logic 0.
It has no effect on the Top Driver Outputs which are determined by the other inputs as shown on the table.
EN = ENABLE
BRK = BRAKE
OCS = OVER
CURRENT
SENSE
7560N-030906-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com