Electronic Components Datasheet Search
  English  ▼

X  

TC1014 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1014
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1014 Datasheet(HTML) 5 Page - Microchip Technology

  TC1014_07 Datasheet HTML 1Page - Microchip Technology TC1014_07 Datasheet HTML 2Page - Microchip Technology TC1014_07 Datasheet HTML 3Page - Microchip Technology TC1014_07 Datasheet HTML 4Page - Microchip Technology TC1014_07 Datasheet HTML 5Page - Microchip Technology TC1014_07 Datasheet HTML 6Page - Microchip Technology TC1014_07 Datasheet HTML 7Page - Microchip Technology TC1014_07 Datasheet HTML 8Page - Microchip Technology TC1014_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21335E-page 5
TC1014/TC1015/TC1185
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise specified, all parts are measured at temperature = +25°C.
FIGURE 2-7:
Ground Current vs. Input
Voltage (VIN).
FIGURE 2-8:
Output Voltage (VOUT) vs.
Input Voltage (VIN).
FIGURE 2-9:
Output Voltage (VOUT) vs.
Temperature.
FIGURE 2-10:
Output Voltage (VOUT) vs.
Input Voltage (VIN).
FIGURE 2-11:
Output Voltage (VOUT) vs.
Temperature.
0
10
20
30
40
50
60
70
80
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
VIN (V)
CIN = 1µF
COUT = 1µF
Ground Current vs. VIN
VOUT = 3.3V
ILOAD = 150mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
VIN (V)
CIN = 1µF
COUT = 1µF
ILOAD = 100mA
VOUT vs. VIN
VOUT = 3.3V
ILOAD = 100mA
Output Voltage vs. Temperature
3.274
3.276
3.278
3.280
3.282
3.284
3.286
3.288
3.290
-40
-20
-10
0
20
40
85
125
TEMPERATURE (
°C)
VOUT = 3.3V
ILOAD = 150mA
CIN = 1µF
COUT = 1µF
VIN = 4.3V
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5 1
1.5 2 2.5 3
3.5 4
4.5 5
5.5 6
6.5 7
0
0.5 1 1.5
2 2.5 3 3.5
4 4.5 5
5.5 6 6.5 7
VIN (V)
CIN = 1µF
COUT = 1µF
VOUT vs. VIN
VOUT = 3.3V
ILOAD = 0
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-40
-20
-10
0
20
40
85
125
TEMPERATURE (
°C)
Output Voltage vs. Temperature
VOUT = 3.3V
ILOAD = 10mA
CIN = 1µF
COUT = 1µF
VIN = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com