Electronic Components Datasheet Search
  English  ▼

X  

TC1031 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1031
Description  Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1031 Datasheet(HTML) 3 Page - Microchip Technology

  TC1031 Datasheet HTML 1Page - Microchip Technology TC1031 Datasheet HTML 2Page - Microchip Technology TC1031 Datasheet HTML 3Page - Microchip Technology TC1031 Datasheet HTML 4Page - Microchip Technology TC1031 Datasheet HTML 5Page - Microchip Technology TC1031 Datasheet HTML 6Page - Microchip Technology TC1031 Datasheet HTML 7Page - Microchip Technology TC1031 Datasheet HTML 8Page - Microchip Technology TC1031 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2005 Microchip Technology Inc.
DS21342C-page 3
TC1031
TC1031 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Typical values apply at 25°C and VDD = 3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Voltage Reference
VREF
Reference Voltage
1.176
1.200
1.224
V
IREF(SOURCE) Source Current
50
—
—
μA
IREF(SINK)
Sink Current
50
—
—
μA
ROUT (SD)
Output Resistance in Shutdown
20
—
—
M
Ω
SHDN = VSS
COUT (SD)
Output Capacitance in Shutdown
—
—
5
pF
SHDN = VSS
TSEL
Select Time
—
200
—
μsec
REF Valid from SHDN = VIH
RL = 100kΩ to VSS
TDESEL
Deselect Time
—
10
—
μsec
REF Invalid from SHDN = VIL
RL = 100kΩ
CL(REF)
Load Capacitance
—
—
100
pF
EVREF
Voltage Noise
—
20
—
μVRMS 100Hz to 100kHz
eVREF
Noise Density
—
10
—
μV/√Hz 1kHz
Note
1:
VOS is measured as (VUT + VLT – 2VREF)/2 where VUT is the upper hysteresis threshold and VLT is the lower hysteresis threshold with
VREF – VHYST set to 10mV. This represents the asymmetry of the hysteresis thresholds around VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com