Electronic Components Datasheet Search
  English  ▼

X  

TC1070 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1070
Description  50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1070 Datasheet(HTML) 1 Page - Microchip Technology

  TC1070 Datasheet HTML 1Page - Microchip Technology TC1070 Datasheet HTML 2Page - Microchip Technology TC1070 Datasheet HTML 3Page - Microchip Technology TC1070 Datasheet HTML 4Page - Microchip Technology TC1070 Datasheet HTML 5Page - Microchip Technology TC1070 Datasheet HTML 6Page - Microchip Technology TC1070 Datasheet HTML 7Page - Microchip Technology TC1070 Datasheet HTML 8Page - Microchip Technology TC1070 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2007 Microchip Technology Inc.
DS21353D-page 1
TC1070/TC1071/TC1187
Features:
• 50 µA Ground Current for Longer Battery Life
• Adjustable Output Voltage
• Very Low Dropout Voltage
• Choice of 50 mA (TC1070), 100 mA (TC1071)
and 150 mA (TC1187) Output
• Power-Saving Shutdown Mode
• Over Current and Over Temperature Protection
• Space-Saving 5-Pin SOT-23 Package
• Pin Compatible with Bipolar Regulators
Applications:
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Typical Application
General Description:
The TC1070, TC1071 and TC1187 are adjustable
LDOs designed to supersede a variety of older (bipolar)
voltage regulators. Total supply current is typically
50
μA at full load (20 to 60 times lower than in bipolar
regulators).
The devices’ key features include ultra low-noise
operation, very low dropout voltage – typically 85 mV
(TC1070); 180 mV (TC1071); and 270 mV (TC1187) at
full load, and fast response to step changes in load.
Supply current is reduced to 0.5
μA (maximum) when
the shutdown input is low. The devices incorporate both
over-temperature and over-current protection. Output
voltage is programmed with a simple resistor divider
from VOUT to ADJ to GND.
The TC1070, TC1071 and TC1187 are stable with an
output capacitor of only 1
μF and have a maximum
output current of 50 mA, 100 mA and 150 mA,
respectively. For higher output versions, please see the
TC1174 (IOUT = 300 mA) data sheet.
Package Type
TC1070
TC1071
TC1187
VOUT
GND
C1
1
µF
+
VIN
VIN
VOUT
1
5
2
4
3
SHDN
Shutdown Control
(from Power Control Logic)
ADJ
R1
R2
[
]
VOUT = VREF x
+1
R1
R2
ADJ
SHDN
5
5-Pin SOT-23
TC1070
TC1071
TC1187
13
4
2
VIN
VOUT
GND
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown


Similar Part No. - TC1070

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
logo
TelCom Semiconductor, I...
TC1070VCT TELCOM-TC1070VCT Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070VCT MICROCHIP-TC1070VCT Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
More results

Similar Description - TC1070

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com