Electronic Components Datasheet Search
  English  ▼

X  

POWR6AT6 Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # POWR6AT6
Description  In-System Programmable Power Supply Monitoring and Margining Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

POWR6AT6 Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button POWR6AT6 Datasheet HTML 15Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 16Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 17Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 18Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 19Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 20Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 21Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 22Page - Lattice Semiconductor POWR6AT6 Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Lattice Semiconductor
ispPAC-POWR6AT6 Data Sheet
19
Figure 14. I
2C Read Operation
The ispPAC-POWR6AT6 provides 15 registers that can be accessed through its I
2C interface. These registers pro-
vide the user with the ability to monitor and control the device’s inputs and outputs, and transfer data to and from
the device. Table 4 provides a summary of these registers.
Table 4. I
2C Control Registers
I
2C Closed-Loop Trim Register
Figure 15 shows bit assignments for the ispPAC-POWR6AT6 I
2C closed-loop trim status register. There are six
read only bits (cltlock_status.in[1:6]) that reflect the present trim status of individual trim output pins. When a closed
loop-trim controlled power supply's output reaches the value specified by its Profile 0 configuration setting, that trim
output's CLTLOCK_status bit is set to a “1”.
The I
2C closed-loop trim register has one read/write bit (cltlock_status). When ispPAC-POWR6AT6 is configured in
PAC-Designer to operate in SMBus Alert mode, it is set to a “1” by device control logic to send an SMBus Alert.
Logic then waits for it to be acknowledged by a host I
2C processor (when it is addresses the register), completing
Register Address
Register Name
Read/Write
Description
Value on POR, RESET
0x00
cltlock_status
R/W
Closed-loop trim status
*bit-6 is RW, all others R only
1100 0000
0x01
adc_value_low
R
ADC D[3:0] and status
0000 1110
0x02
adc_value_high
R
ADC D[11:4]
0000 0000
0x03
adc_mux
R/W
ADC Attenuator and MUX[3:0]
1110 1000
0x04
UES_byte0
R
UES[7:0]
EEEE EEEE
0x05
UES_byte1
R
UES[15:8]
EEEE EEEE
0x06
UES_byte2
R
UES[23:16]
EEEE EEEE
0x07
UES_byte3
R
UES[31:24]
EEEE EEEE
0x08
reset
W
Resets device on write
1111 1111
0x09
trim1_trim
R/W
Trim DAC 1 [7:0]
1000 0000
0x0A
trim2_trim
R/W
Trim DAC 2 [7:0]
1000 0000
0x0B
trim3_trim
R/W
Trim DAC 3 [7:0]
1000 0000
0x0C
trim4_trim
R/W
Trim DAC 4 [7:0]
1000 0000
0x0D
trim5_trim
R/W
Trim DAC 5 [7:0]
1000 0000
0x0E
trim6_trim
R/W
Trim DAC 6 [7:0]
1000 0000
Note: x = unknown, 0 = low, 1 = high, E= E
2 memory setting (UES string)
D5
D4
D3
D2
D1
D0
D6
D7
ACK
ACK
ACK
START
123456789
A6
A5
A4
A3
A2
A1
A0
R7
R6
R5
R4
R3
R2
R1
R0
123456789
DEVICE ADDRESS (7 BITS)
REGISTER ADDRESS (8 BITS)
SCL
SDA
R/W
STOP
START
123456789
A6
A5
A4
A3
A2
A1
A0
ACK
123456789
DEVICE ADDRESS (7 BITS)
READ DATA (8 BITS)
SCL
SDA
R/W
STOP
STEP 1: WRITE REGISTER ADDRESS FOR READ OPERATION
STEP 2: READ DATA FROM THAT REGISTER
Note: Shaded Bits Asserted by Slave
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com