Electronic Components Datasheet Search
  English  ▼

X  

PAM8019E Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8019E
Description  4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019E Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8019E Datasheet HTML 1Page - Diodes Incorporated PAM8019E Datasheet HTML 2Page - Diodes Incorporated PAM8019E Datasheet HTML 3Page - Diodes Incorporated PAM8019E Datasheet HTML 4Page - Diodes Incorporated PAM8019E Datasheet HTML 5Page - Diodes Incorporated PAM8019E Datasheet HTML 6Page - Diodes Incorporated PAM8019E Datasheet HTML 7Page - Diodes Incorporated PAM8019E Datasheet HTML 8Page - Diodes Incorporated PAM8019E Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PAM8019E
Document number: DS46456 Rev. 1 - 2
3 of 22
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PAM8019E
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (VDD, LPVDD, RPVDD)
-0.3 to 6.5
V
VIN
Input Pin Voltage (EN, Mute, Volume, SSM, PL, HP/SPK, RIN, LIN)
-0.3 to VDD
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
TSDR
Maximum Soldering Temperature Range, 5 Seconds
+300
Notes:
4. Stresses greater than Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
ESD Ratings
Symbol
Parameter
Rating
Unit
VESD
Human Body Model (HBM)
±2000
V
Charged Device Model (CDM)
±1000
V
Latch up
Latch up (I Trigger)
±100
mA
Latch up (Overvoltage Test)
8.4
V
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Max
Unit
VDD
Supply Voltage Range
2.5 to 6.0
V
VIH
High-Level Threshold Voltage
EN, Mute, SSM, HP/SPK
1.4 to VDD
V
VIL
Low-Level Threshold Voltage
EN, Mute, SSM, HP/SPK
0 to 0.5
V
VICM
Common Mode Input Voltage
1 to VDD - 1
V
TA
Ambient Operation Temperature Range
-40 to + 85
°C
TJ
Junction Temperature Range
-40 to +125
Thermal Information (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Package
Typical Value
Unit
θJA
Thermal Resistance
— Junction to Ambient
U-QFN4040-20
41
°C/W
U-QFN3030-20
43
°C/W
θJC
Ambient Operation Temperature Range
U-QFN4040-20
17
°C/W
U-QFN3030-20
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com