Electronic Components Datasheet Search
  English  ▼

X  

537168 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537168
Description  Adapter kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537168 Datasheet(HTML) 1 Page - Festo Corporation.

  537168 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adapter kit
HAPG-74
Part number: 537168
General operating condition
Data sheet
Feature
Value
Mounting position
Any
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
5 °C ... 60 °C
Adapter material
Aluminum
Plate material
Wrought aluminum alloy
9/8/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 537168

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537167 FESTO-537167 Datasheet
100Kb / 1P
Adapter kit
537169 FESTO-537169 Datasheet
97Kb / 1P
Adapter kit
More results

Similar Description - 537168

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
72932 POMONA-72932 Datasheet
380Kb / 2P
Type N Adapter Kit
logo
Molex Electronics Ltd.
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
IDT - Manual - Adapter Kit
0011317559 MOLEX11-0011317559 Datasheet
22Kb / 1P
IDT - Manual - Adapter Kit
11-20-0947 MOLEX11-11-20-0947 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
0011313337 MOLEX11-0011313337 Datasheet
27Kb / 1P
IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
IDT - Manual - Adapter Kit
logo
Rosenberger Hochfrequen...
53QCK070-150 ROSENBERGER-53QCK070-150 Datasheet
557Kb / 2P
Calibration Kit Adapter Version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com