Electronic Components Datasheet Search
  English  ▼

X  

TDA8380 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8380
Description  Control circuit for switched mode power supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8380 Datasheet HTML 1Page - NXP Semiconductors TDA8380 Datasheet HTML 2Page - NXP Semiconductors TDA8380 Datasheet HTML 3Page - NXP Semiconductors TDA8380 Datasheet HTML 4Page - NXP Semiconductors TDA8380 Datasheet HTML 5Page - NXP Semiconductors TDA8380 Datasheet HTML 6Page - NXP Semiconductors TDA8380 Datasheet HTML 7Page - NXP Semiconductors TDA8380 Datasheet HTML 8Page - NXP Semiconductors TDA8380 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
November 1993
4
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
PINNING
1
E2
Emitter of output source transistor
2
C2
Collector of output source transistor
3
DEM
Demagnetization sense input
4VCCmin Minimum VCC threshold setting
5VCC
Supply voltage
6Iref
Reference current setting
7
FB
Feedback input
8
STAB
Output error amplifier
9
DUTY
Pulse width modulator input
10
COSC
Oscillator capacitor
11
SYNC
Synchronization input
12
SS
Maximum duty factor (Dmax) setting plus slow-start
13
CURR
Input current protection
14
VEE
Ground
15
E1
Emitter of output sink transistor
16
C1
Collector of output sink transistor
Fig.2 Pinning diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com