Electronic Components Datasheet Search
  English  ▼

X  

TDA8385 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8385
Description  Control circuit for a Self-Oscillating Power Supply SOPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8385 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8385 Datasheet HTML 1Page - NXP Semiconductors TDA8385 Datasheet HTML 2Page - NXP Semiconductors TDA8385 Datasheet HTML 3Page - NXP Semiconductors TDA8385 Datasheet HTML 4Page - NXP Semiconductors TDA8385 Datasheet HTML 5Page - NXP Semiconductors TDA8385 Datasheet HTML 6Page - NXP Semiconductors TDA8385 Datasheet HTML 7Page - NXP Semiconductors TDA8385 Datasheet HTML 8Page - NXP Semiconductors TDA8385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
March 1994
3
Philips Semiconductors
Preliminary specification
Control circuit for a Self-Oscillating
Power Supply (SOPS)
TDA8385
BLOCK DIAGRAMS
handbook, full pagewidth
MCD417
29
V ts
DIFFERENTIAL AMPLIFIER
CONTROL PART
REGULATION
INDICATOR
(2.5 V)
27
reset (28)
quick
discharge
CLAMP
50
µA
50
µA
charge
19
2.5 V
TCG
4
3
V TCG
V diff
Vss +
MINIMUM
VOLTAGE
CLAMP
6
X
III
VII
fo
V
Vmv
fb
V
13
1
RIO
11 V diff
9
4
7
Vss
7
16
14
3
REFERENCE
BLOCK
STABILIZED
SUPPLY
DETECTOR
VP (min)
28
1
2
SUPPLY REFERENCES
(28, 27, 23)
reset
latch
I ref
I ref
Vstab
Vref
Vref
I
current reference
setting
feed forward
input
regulation indicator
output
differential amplifier
output
slow start voltage
input
feedback voltage
input
transistor-on
setting input
VP
GND
SLOW START
V ts
5
Ton(min)
Ton (min)
Fig.1 Block diagram; part A (continued in Fig.2; part B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com