Electronic Components Datasheet Search
  English  ▼

X  

DC210 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DC210
Description  210 Centres Bar Clamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DC210 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DC210 Datasheet HTML 1Page - Dynex Semiconductor DC210 Datasheet HTML 2Page - Dynex Semiconductor DC210 Datasheet HTML 3Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC210
210 Centres Bar Clamp
Replaces DS6378-1
DS6378-2
May 2022 LN41757
www.dynexsemi.com
DESCRIPTION
Dynex offers a range of standard clamps designed to
accommodate press pack semiconductors with tie rod
centres from 75mm to 210mm and clamping force
from 5kN to 138kN.
The set clamps use Disc Springs to DIN 2092/2093 to
apply the clamping force over a wide temperature
range.
The
clamps
also
incorporate
pressure
indicators to make installation simple. Isolation is
provided by high quality ceramic insulators and PTFE
sleeving.
Zinc plating with a Yellow Passivated finish is used for
enhanced corrosion protection.
If a clamp you require is not available in our standard
range, Dynex can provide a clamping solution to your
individual
needs.
Speak
to
your
local
sales
representative for details.
ORDERING INFORMATION
Example Part Number:
DC210/120/200/R
DC210
– Clamp Series
This is a Dynex clamp with tie rod centres of 210mm
120
– Clamping Force
This is the required clamping force of the
semiconductor device in kN
200
– Dimension ‘Y’ (see figure 2)
This is the total distance of all the parts to be
clamped, plus the bottom reaction bar if fitted
R
– Bottom Reaction Bar fitted (optional)
If using a heatsink of suitable strength and stiffness
the bottom reaction bar is not necessary,
and the ‘R’
can be omitted from the part number
Tie Rod Centres (mm)
210
Forces available (kN)
83, 120, 138
The DC210 has been designed to support the
common semiconductor packages shown below.
Dynex
Outline
Flange Diameter (mm)
Height (mm)
A
150
35
H
172
35
M
150
26.5
Figure 1: Clamp General Assembly


Similar Part No. - DC210

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
DC2100A05 YANTEL-DC2100A05 Datasheet
1Mb / 9P
Directional Coupler
DC2100A10 YANTEL-DC2100A10 Datasheet
728Kb / 9P
Directional Coupler
DC2100A20 YANTEL-DC2100A20 Datasheet
1Mb / 9P
Directional Coupler
DC2100A30 YANTEL-DC2100A30 Datasheet
1Mb / 9P
Directional Coupler
DC2100P05 YANTEL-DC2100P05 Datasheet
1Mb / 9P
Directional Coupler
More results

Similar Description - DC210

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
HPGV-0000 RALSTON-HPGV-0000 Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
HPGV-1KPSIG-M RALSTON-HPGV-1KPSIG-M Datasheet
363Kb / 2P
HPGV (3000 psi / 210 bar) pump
HPGV-4GBW RALSTON-HPGV-4GBW Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
logo
SICK AG
BEF-KHS-KH3 SICK-BEF-KHS-KH3 Datasheet
386Kb / 4P
Universal bar clamp systems
BEF-MS12G-A SICK-BEF-MS12G-A Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12G-B SICK-BEF-MS12G-B Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12L-A SICK-BEF-MS12L-A Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12L-B SICK-BEF-MS12L-B Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12Z-A SICK-BEF-MS12Z-A Datasheet
210Kb / 4P
Universal bar clamp systems
BEF-MS12Z-B SICK-BEF-MS12Z-B Datasheet
210Kb / 4P
Universal bar clamp systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com