| Electronic Components Datasheet Search |
|
ATMEGA168P/V Datasheet(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA168P/V Datasheet(HTML) 1 Page - ATMEL Corporation |
|
1 / 25 page ![]() Features • High Performance, Low Power AVR® 8-Bit Microcontroller • Advanced RISC Architecture – 131 Powerful Instructions – Most Single Clock Cycle Execution – 32 x 8 General Purpose Working Registers – Fully Static Operation – Up to 20 MIPS Throughput at 20 MHz – On-chip 2-cycle Multiplier • Non-volatile Program and Data Memories – 4/8/16/32K Bytes of In-System Self-Programmable Flash (ATmega48P/88P/168P/328P) Endurance: 10,000 Write/Erase Cycles – Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation – 256/512/512/1K Bytes EEPROM (ATmega48P/88P/168P/328P) Endurance: 100,000 Write/Erase Cycles – 512/1K/1K/2K Byte Internal SRAM (ATmega48P/88P/168P/328P) – Programming Lock for Software Security • Peripheral Features – Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode – One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode – Real Time Counter with Separate Oscillator – Six PWM Channels – 8-channel 10-bit ADC in TQFP and QFN/MLF package Temperature Measurement – 6-channel 10-bit ADC in PDIP Package Temperature Measurement – Programmable Serial USART – Master/Slave SPI Serial Interface – Byte-oriented 2-wire Serial Interface (Philips I2C compatible) – Programmable Watchdog Timer with Separate On-chip Oscillator – On-chip Analog Comparator – Interrupt and Wake-up on Pin Change • Special Microcontroller Features – Power-on Reset and Programmable Brown-out Detection – Internal Calibrated Oscillator – External and Internal Interrupt Sources – Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby • I/O and Packages – 23 Programmable I/O Lines – 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF • Operating Voltage: – 1.8 - 5.5V for ATmega48PV/88PV/168PV/328PV – 2.7 - 5.5V for ATmega48P/88P/168P/328P • Temperature Range: –-40 °C to 85°C • Speed Grade: – ATmega48PV/88PV/168PV/328PV: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V – ATmega48P/88P/168P/328P: 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V • Low Power Consumption – Active Mode: 1 MHz, 1.8V: TBD µA 32 kHz, 1.8V: TBD µA (including Oscillator) – Power-down Mode: TBD µA at 1.8V 8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash ATmega48P/V ATmega88P/V ATmega168P/V ATmega328P/V Preliminary Rev. 8025AS–AVR–07/07 |
Similar Part No. - ATMEGA168P/V |
|
Similar Description - ATMEGA168P/V |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |