Electronic Components Datasheet Search
  English  ▼

X  

TSH343 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH343
Description  280MHz single-supply triple video buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH343_07 Datasheet HTML 1Page - STMicroelectronics TSH343_07 Datasheet HTML 2Page - STMicroelectronics TSH343_07 Datasheet HTML 3Page - STMicroelectronics TSH343_07 Datasheet HTML 4Page - STMicroelectronics TSH343_07 Datasheet HTML 5Page - STMicroelectronics TSH343_07 Datasheet HTML 6Page - STMicroelectronics TSH343_07 Datasheet HTML 7Page - STMicroelectronics TSH343_07 Datasheet HTML 8Page - STMicroelectronics TSH343_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TSH343
4/17
2
Electrical characteristics
Table 3.
VCC = +5V single supply, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
VDC
Input DC shift
(see Figure 16 for the behaviour in
temperature)
RL =150Ω, Tamb
400
600
670
mV
-40°C < Tamb < +85°C
530
Iib
Input bias current
Tamb , input to GND
18.2
35
μA
-40°C < Tamb < +85°C
20.7
Rin
Input resistance
Tamb
4G
Ω
Cin
Input capacitance
Tamb
1pF
ICC
Supply current per buffer
no load, input to GND
14.4
18
mA
-40°C < Tamb < +85°C
14.9
PSRR
Power supply rejection ratio(1)
20 log (
ΔVout/ΔVCC)
F=1MHz
-45
dB
G
DC voltage gain
RL =150Ω, Vin = 1V
1.92
1.99
2.05
V/V
DG
Variation of the DC voltage gain
between inputs of 0.3V and 1V
Input step from 0.3V to 1V
0.26
0.8
%
MG1
Gain matching between 3 channels
Input = 1V
0.5
2
%
MG0.3
Gain matching between 3 channels
Input = 0.3V
0.5
2
%
Dynamic performance and output characteristics
Bw
-3dB bandwidth
Small signal Vout = 20mVp
RL =150Ω
160
280
MHz
Gain flatness @ 0.1dB
Small signal Vout = 20mVp
RL =150Ω
65
FPBW
Full power bandwidth
Vout =2Vp-p, VICM =0.5V,
RL =150Ω
130
200
MHz
D
Delay between each channel(2)
0 to 30MHz
0.5
ns
SR
Slew rate (3)
Input step from 0V to 1V,
RL =150Ω
500
780
V/
μs
VOH
High level output voltage
Vin DC = +1.5V, RL =150Ω
3.7
3.9
V
VOL
Low level output voltage
RL =150Ω
40
mV
IOUT
Output current
Vout =2V, Tamb
45
90
mA
-40°C < Tamb < +85°C
82
Output short-circuit current (Isource)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com