Electronic Components Datasheet Search
  English  ▼

X  

TDA8416 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8416
Description  TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8416 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8416 Datasheet HTML 1Page - NXP Semiconductors TDA8416 Datasheet HTML 2Page - NXP Semiconductors TDA8416 Datasheet HTML 3Page - NXP Semiconductors TDA8416 Datasheet HTML 4Page - NXP Semiconductors TDA8416 Datasheet HTML 5Page - NXP Semiconductors TDA8416 Datasheet HTML 6Page - NXP Semiconductors TDA8416 Datasheet HTML 7Page - NXP Semiconductors TDA8416 Datasheet HTML 8Page - NXP Semiconductors TDA8416 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
November 1989
2
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor with
integrated filters and I2C-bus control
TDA8416
GENERAL DESCRIPTION
The TDA8416 is a processor of stereo/dual language
signals (B/G-standard) for stereo sound television
receivers and VTRs, using the switched-capacitor
technique. The AF signals at the TDA8416 inputs must be
“(L
+R)/2” or “language A” on one channel and “R” or
“language B” on the second channel (where L = left and
R = right). The carrier frequency of the second channel is
also modulated by an identification signal (stereo or dual
sound). The device is controlled by a microcomputer via
the two-line, bidirectional I2C-bus.
Features
• Use of the switched-capacitor technique for signal
processing
• Small amount of peripheral components
• Integrated anti-aliasing filters
• Low distortion AF signal handling
• Integrated de-emphasis with a time constant of 50 µs
• Two general purpose output ports
• Full ESD protection
QUICK REFERENCE DATA
PACKAGE OUTLINE
20-lead DIL; plastic (SOT146); SOT146-1; 1996 November 18.
PARAMETER
CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 15)
VP
−
12
−
V
Supply current (pin 15)
IP
−
10
−
mA
AF output signal (RMS value)
(pins 11 to 14)
Vo
−
2
−
V
Weighted signal-to-noise
ratio of the AF output
signals (CCIR 468/3)
(S
+W)/W
70
−−
dB
Crosstalk attenuation
stereo mode at
f = 1 kHz
αS
40
−−
dB
dual sound mode at
f = 40 Hz to 12.5 kHz
α
DS
70
−−
dB
Pilot signal input sensitivity
Vi
−
2.5
−
mV
Total harmonic distortion
THD
−
0.1
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com