Electronic Components Datasheet Search
  English  ▼

X  

AAT4621 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4621
Description  PC Card Current Limit Interface and Capacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4621 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4621 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4621 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
1
V
CC = 3.0V to 5.5V, TA = -40°C to 85°C unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
CC
Operation Voltage
3.0
5.5
V
I
Q
Quiescent Current
EN IL or EN IU = V
CC, IOUT = 0,
40
75
µA
R
HYS = 200kΩ
I
QU0
Quiescent Current U
0
EN IL = V
CC, EN IU = GND, IOUT = 0,
I
SET = GND, RHYS = 200kΩ
40
75
µA
I
Q(OFF)
Off Supply Current
EN IL = EN IU = V
CC
0.4
1.0
µA
I
SD(OFF)
Off Switch Current
EN IL = EN IU = V
CC, VSUPERCAP = 0
0.4
10
µA
V
UVLO
Under-Voltage Lockout
Rising edge, 1% hysteresis
2.7
3.0
V
R
DS(ON)
On-Resistance
V
CC =4.75V, RSETL = RSETU = 0k
50
100
m
Ω
V
CC =3.0V, RSETL = RSETU = 0k
65
120
I
LIMLACC
Lower Current Limit Accuracy
R
SETL = 249kΩ; ΔTA ≤ 20°C
180
200
220
mA
R
SETL = 249kΩ
170
200
230
I
LIMUACC
Upper Current Limit Accuracy
R
SETU = 1.24MΩ; ΔTA ≤ 20°C
900
1000
1100
mA
R
SETU = 1.24MΩ
850
1000
1150
I
LIM(MIN)
Lower Minimum Current Limit
75
mA
V
EN(L)
EN Input Low Voltage
V
CC =3.0V to 5.5V
2
0.4
V
V
EN(H)
EN Input High Voltage
V
CC = 3.0V to 5.5V
2
1.4
V
I
EN(SINK)
EN Input Leakage
V
EN = 5.5V
1.0
µA
T
DEL(OFF)
Turn-Off Delay Time
V
CC = 5V
0.4
1.0
µs
V
RDY
System READY Trip Threshold
V
OUT rising, TA = 25°C
98
% of
V
OUT
V
RDYHYS
System READY Hysteresis
R
HYS = 200kΩ
200
mV
V
RDY(L)
System READY Voltage Low
I
SINK = 1mA
0.4
V
I
RDY
RDY Leakage Current
V
RDY < 5.5V, VOUT < 98% of VOUT
1.0
µA
OTMP
Shutdown Temperature
145
°C
AAT4621
PC Card Current Limit Interface
and Capacitor Charger
4
4621.2007.07.1.0
1. The AAT4621 is guaranteed to meet performance specification over the -40°C to 85°C operating temperature range and is assured by
design, characterization and correlation with statistical process controls.
2. For V
IN outside this range consult the Typical EN Threshold curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com