Electronic Components Datasheet Search
  English  ▼

X  

TL071A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL071A
Description  LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL071A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL071A Datasheet HTML 2Page - STMicroelectronics TL071A Datasheet HTML 3Page - STMicroelectronics TL071A Datasheet HTML 4Page - STMicroelectronics TL071A Datasheet HTML 5Page - STMicroelectronics TL071A Datasheet HTML 6Page - STMicroelectronics TL071A Datasheet HTML 7Page - STMicroelectronics TL071A Datasheet HTML 8Page - STMicroelectronics TL071A Datasheet HTML 9Page - STMicroelectronics TL071A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TL071 - TL071A - TL071B
8/10
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage Follower
Figure 2 : Gain-of-10 Inverting Amplifier
TYPICAL APPLICATIONS
(0.5Hz) SQUARE WAVE OSCILLATOR
HIGH Q NOTCH FILTER
-
-
eI
TL071
eo
C
L= 100pF
R = 2k
Ω
L
-
eI
TL071
R L
C
L= 100pF
1k
Ω
10k
Ω
eo
-
TL0 71
1k
Ω
R
F = 100k Ω
9.1k
Ω
3.3k
Ω
+15V
-15V
3.3k
Ω
C = 3.3
µF
F
f
=
osc
1
F
2 x R
F
C
TL071
-
R1
R2
C3
R3
C2
C1
C1 = C2 =
C3
2
= 100pF
f =
o
1
F
2 x R
F
C
= 1kHz
R1 = R2 = 2R3 = 1.5M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com