Electronic Components Datasheet Search
  English  ▼

X  

B9036 Datasheet(PDF) 3 Page - EPCOS

Part # B9036
Description  SAW Components SAW filter MediaFLO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9036 Datasheet(HTML) 3 Page - EPCOS

  B9036 Datasheet HTML 1Page - EPCOS B9036 Datasheet HTML 2Page - EPCOS B9036 Datasheet HTML 3Page - EPCOS B9036 Datasheet HTML 4Page - EPCOS B9036 Datasheet HTML 5Page - EPCOS B9036 Datasheet HTML 6Page - EPCOS B9036 Datasheet HTML 7Page - EPCOS B9036 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
June 21, 2007
B9036
719.0 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
719.0
—
MHz
Maximum insertion attenuation
α
max
716.5
...
721.5
MHz
—
2.5
2.7
dBINT1)
1) dB
INT is integrated rejection (see formula below)
dBINT =
Where Loss(Fn)=
N = Number of frequency, insertion loss pairs
Amplitude ripple (p-p)
∆α
716.5
...
721.5
MHz
—
0.3
2.0
dB
Return Loss (Input/Output)
716.5
...
721.5
MHz
9.4
13.0
—
dB
Group delay ripple (p-p)
716.5
...
721.5
MHz
—
30
80
ns
Attenuation
α
0.1
...
690.0
MHz
40.0
47.0
—
dB
690.0
...
704.0
MHz
35.0
43.0
—
dB
704.0
...
710.0
MHz
30.0
40.0
—
dBINT
710.0
...
716.0
MHz
4.0
9.0
—
dBINT
722.0
...
728.0
MHz
4.0
9.0
—
dBINT
728.0
...
734.0
MHz
30.0
36.0
—
dBINT
734.0
...
750.0
MHz
27.0
30.0
—
dB
750.0
...
824.0
MHz
37.0
40.0
—
dB
824.0
...
960.0
MHz
45.0
55.0
—
dB
960.0
... 2500.0
MHz
32.0
40.0
—
dB
Loss F
n1
–
() Loss F
n
()
+
2
------------------------------------------------------------
F
n
F
n1
–
–
()
×
2
N
∑
F
N
F
1
–
--------------------------------------------------------------------------------------------------------
10
S
21 indB
() 20
⁄



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com